Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE556 Datasheet(PDF) 12 Page - STMicroelectronics

Part # NE556
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button NE556 Datasheet HTML 8Page - STMicroelectronics NE556 Datasheet HTML 9Page - STMicroelectronics NE556 Datasheet HTML 10Page - STMicroelectronics NE556 Datasheet HTML 11Page - STMicroelectronics NE556 Datasheet HTML 12Page - STMicroelectronics NE556 Datasheet HTML 13Page - STMicroelectronics NE556 Datasheet HTML 14Page - STMicroelectronics NE556 Datasheet HTML 15Page - STMicroelectronics NE556 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package information
NE556 - SA556 - SE556
12/16
5.1
DIP14 package information
Figure 17.
DIP14 package mechanical drawing
Note:
D and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions
shall not exceed 0.25 mm.
Table 4.
DIP14 package mechanical data
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.21
A1
0.38
0.015
A2
2.92
3.30
4.95
0.11
0.13
0.19
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.04
0.06
0.07
c
0.20
0.25
0.36
0.007
0.009
0.01
D
18.67
19.05
19.69
0.73
0.75
0.77
E
7.62
7.87
8.26
0.30
0.31
0.32
E1
6.10
6.35
7.11
0.24
0.25
0.28
e2.54
0.10
e1
15.24
0.60
eA
7.62
0.30
eB
10.92
0.43
L
2.92
3.30
3.81
0.11
0.13
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com