Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP130N10F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP130N10F3
Description  N-channel 100 V, 7.8 m廓 typ., 120 A STripFET?줚II Power MOSFET in TO-220FP, I짼PAKFP, H짼PAK-2 and TO-220 packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP130N10F3 Datasheet(HTML) 4 Page - STMicroelectronics

  STP130N10F3 Datasheet HTML 1Page - STMicroelectronics STP130N10F3 Datasheet HTML 2Page - STMicroelectronics STP130N10F3 Datasheet HTML 3Page - STMicroelectronics STP130N10F3 Datasheet HTML 4Page - STMicroelectronics STP130N10F3 Datasheet HTML 5Page - STMicroelectronics STP130N10F3 Datasheet HTML 6Page - STMicroelectronics STP130N10F3 Datasheet HTML 7Page - STMicroelectronics STP130N10F3 Datasheet HTML 8Page - STMicroelectronics STP130N10F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
STF130N10F3, STFI130N10F3, STH130N10F3-2, STP130N10F3
4/23
Doc ID 018492 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0, ID = 250 µA
100
-
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS= 100 V
TC=25°C
TC=125°C
-10
100
µA
µA
IGSS
Gate body leakage current VDS = 0, VGS = ±20 V
-
±
200
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
-
4
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 23A
TO-220FP and I²PAKFP
89.6
m
Ω
VGS= 10 V, ID= 60 A
H²PAK
TO-220
7.8
8
9.3
9.6
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VGS = 0, VDS = 25 V,
f = 1 MHz
-
3305
373
23
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 50 V, ID = 120 A,
VGS = 10 V
(see Figure 20)
-
57
22
17
-
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 50 V, ID = 60 A
RG =4.7 Ω VGS = 10 V
(see Figure 19,
Figure 24)
-
17
38
52
7.2
-
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com