Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F102XB Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F102XB
Description  Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102XB Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F102XB Datasheet HTML 18Page - STMicroelectronics STM32F102XB Datasheet HTML 19Page - STMicroelectronics STM32F102XB Datasheet HTML 20Page - STMicroelectronics STM32F102XB Datasheet HTML 21Page - STMicroelectronics STM32F102XB Datasheet HTML 22Page - STMicroelectronics STM32F102XB Datasheet HTML 23Page - STMicroelectronics STM32F102XB Datasheet HTML 24Page - STMicroelectronics STM32F102XB Datasheet HTML 25Page - STMicroelectronics STM32F102XB Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
Pinout and pin description
STM32F102x8, STM32F102xB
22/80
DocID15056 Rev 5
38
50
PA15
I/O
FT
JTDI
TIM2_CH1_ETR
/ PA15
/SPI1_NSS
-
51
PC10
I/O
FT
PC10
USART3_TX
-
52
PC11
I/O
FT
PC11
USART3_RX
-
53
PC12
I/O
FT
PC12
USART3_CK
-
54
PD2
I/O
FT
PD2
TIM3_ETR
39
55
PB3
I/O
FT
JTDO
TIM2_CH2/ PB3/
TRACESWO/
SPI1_SCK
40
56
PB4
I/O
FT
JNTRST
TIM3_CH1 / PB4
SPI1_MISO
41
57
PB5
I/O
PB5
I2C1_SMBA
TIM3_CH2 /
SPI1_MOSI
42
58
PB6
I/O
FT
PB6
I2C1_SCL(8)/ TIM4_CH1
USART1_TX
43
59
PB7
I/O
FT
PB7
I2C1_SDA(8)/ TIM4_CH2
USART1_RX
44
60
BOOT0
I
BOOT0
45
61
PB8
I/O
FT
PB8
TIM4_CH3
I2C1_SCL
46
62
PB9
I/O
FT
PB9
TIM4_CH4
I2C1_SDA
47
63
VSS_3
SVSS_3
48
64
VDD_3
SVDD_3
1. I = input, O = output, S = supply.
2. FT= 5 V tolerant.
3. Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripherals that is included. For example, if a device has only one SPI, two USARTs and two timers, they will be
called SPI1, USART1 & USART2 and TIM2 & TIM 3, respectively. Refer to Table 2 on page 9Table 3 on page 12.
4. If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
5. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3
mA), the use of GPIOs PC13 to PC15 in output mode is limited: the speed should not exceed 2 MHz with a maximum load
of 30 pF and these IOs must not be used as a current source (e.g. to drive an LED).
6. Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F102xx reference manual, available from the
STMicroelectronics website: www.st.com.
Table 4. Medium-density STM32F102xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3) (4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com