Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN0214 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN0214
Description  Very high voltage NPN power transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN0214 Datasheet(HTML) 3 Page - STMicroelectronics

  STN0214 Datasheet HTML 1Page - STMicroelectronics STN0214 Datasheet HTML 2Page - STMicroelectronics STN0214 Datasheet HTML 3Page - STMicroelectronics STN0214 Datasheet HTML 4Page - STMicroelectronics STN0214 Datasheet HTML 5Page - STMicroelectronics STN0214 Datasheet HTML 6Page - STMicroelectronics STN0214 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STN0214
Electrical characteristics
Doc ID 022769 Rev 1
3/7
2
Electrical characteristics
(TCASE = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 1400 V
10
µA
IEBO
Emitter cut-off current
(IB = 0)
VEB = 6 V
10
µA
VCEO(sus)
(1)
Collector-emitter sustaining
voltage (IB = 0)
IC = 1 mA
1200
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 10 mA
IB = 2 mA
IC = 100 mA
IB = 20 mA
0.1
0.3
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 100 mA
IB = 20 mA
0.8
V
hFE
(1)
DC current gain
IC = 1 mA
VCE = 2 V
IC = 200 mA
VCE = 2 V
20
3
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com