Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0214 Datasheet(PDF) 2 Page - STMicroelectronics

Part # N0214
Description  Very high voltage NPN power transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N0214 Datasheet(HTML) 2 Page - STMicroelectronics

  N0214 Datasheet HTML 1Page - STMicroelectronics N0214 Datasheet HTML 2Page - STMicroelectronics N0214 Datasheet HTML 3Page - STMicroelectronics N0214 Datasheet HTML 4Page - STMicroelectronics N0214 Datasheet HTML 5Page - STMicroelectronics N0214 Datasheet HTML 6Page - STMicroelectronics N0214 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical ratings
STN0214
2/7
Doc ID 022769 Rev 1
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VBE = 0)
1400
V
VCEO
Collector-emitter voltage (IB = 0)
1200
V
VEBO
Emitter-base voltage (IC = 0)
6
V
IC
Collector current
200
mA
ICM
Collector peak current (tP < 5 ms)
400
mA
IB
Base current
100
mA
IBM
Base peak current (tP < 1 ms)
200
mA
PTOT
Total dissipation at Tamb = 25 °C
1.6
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-amb
(1)
1.
When mounted on PCB area of 1 cm2, t < 10 sec
Thermal resistance junction-ambient
78
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com