Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60UF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS2L60UF
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60UF Datasheet(HTML) 8 Page - STMicroelectronics

  STPS2L60UF Datasheet HTML 1Page - STMicroelectronics STPS2L60UF Datasheet HTML 2Page - STMicroelectronics STPS2L60UF Datasheet HTML 3Page - STMicroelectronics STPS2L60UF Datasheet HTML 4Page - STMicroelectronics STPS2L60UF Datasheet HTML 5Page - STMicroelectronics STPS2L60UF Datasheet HTML 6Page - STMicroelectronics STPS2L60UF Datasheet HTML 7Page - STMicroelectronics STPS2L60UF Datasheet HTML 8Page - STMicroelectronics STPS2L60UF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STPS2L60
8/9
Doc ID 9173 Rev 6
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS2L60A
S26
SMA
0.068 g
5000
Tape and reel
STPS2L60
STPS2L60
DO-41
0.34 g
2000
Ammopack
STPS2L60RL
STPS2L60
DO-41
0.34 g
5000
Tape and reel
STPS2L60UF
FG26
SMB flat
0.050 g
5000
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
Jul-2003
2A
Last update.
Aug-2004
3
SMA package dimensions update. Reference A1 max
changed from 2.70 mm (0.106 inch) to 2.03 mm (0.080 inch).
18-Sep-2008
4
Reformatted to current standards. Added SMB flat package.
30-Sep-2009
5
Updated table 7 package dimensions.
23-Sep-2011
6
Updated SMA package information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com