Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M100SFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30M100SFP
Description  100 V, 30 A power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M100SFP Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30M100SFP Datasheet HTML 1Page - STMicroelectronics STPS30M100SFP Datasheet HTML 2Page - STMicroelectronics STPS30M100SFP Datasheet HTML 3Page - STMicroelectronics STPS30M100SFP Datasheet HTML 4Page - STMicroelectronics STPS30M100SFP Datasheet HTML 5Page - STMicroelectronics STPS30M100SFP Datasheet HTML 6Page - STMicroelectronics STPS30M100SFP Datasheet HTML 7Page - STMicroelectronics STPS30M100SFP Datasheet HTML 8Page - STMicroelectronics STPS30M100SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS30M100S
2/10
Doc ID 15523 Rev 3
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
60
A
IF(AV)
Average forward current
δ = 0.5
Tc = 125 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
300
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
26400
W
VARM
(1)
1.
Refer to Figure 14.
Maximum repetitive peak avalanche
voltage
tp < 1 µs Tj < 150 °C
IAR < 66 A
120
V
VASM
(1)
Maximum single pulse peak avalanche
voltage
tp < 1 µs Tj < 150 °C
IAR < 66 A
120
V
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (2)
2.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, I2PAK
1
°C/W
TO-220FPAB
4
Table 4.
Static electrical characteristics with all leads connected on board
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
175
µA
Tj = 125 °C
-
20
50
mA
Tj = 25 °C
VR = 70 V
-
-
60
µA
Tj = 125 °C
-
10
20
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
0.475
-
V
Tj = 125 °C
-
0.385
-
Tj = 25 °C
IF = 10 A
-
0.555
-
Tj = 125 °C
-
0.475
--
Tj = 25 °C
IF = 15 A
-
0.620
0.660
Tj = 125 °C
-
0.525
0.565
Tj = 25 °C
IF = 30 A
-
0.740
0.800
Tj = 125 °C
-
0.605
0.655
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com