Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20L03C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH20L03C
Description  High frequency secondary rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20L03C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH20L03C Datasheet HTML 1Page - STMicroelectronics STTH20L03C Datasheet HTML 2Page - STMicroelectronics STTH20L03C Datasheet HTML 3Page - STMicroelectronics STTH20L03C Datasheet HTML 4Page - STMicroelectronics STTH20L03C Datasheet HTML 5Page - STMicroelectronics STTH20L03C Datasheet HTML 6Page - STMicroelectronics STTH20L03C Datasheet HTML 7Page - STMicroelectronics STTH20L03C Datasheet HTML 8Page - STMicroelectronics STTH20L03C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH20L03C
Characteristics
Doc ID 023115 Rev 1
3/9
Table 5.
Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR= 30 V
dIF/dt = -100 A/µs
26
35
ns
Tj = 125 °C
IF = 10 A, VR = 200 V
dIF/dt = -200 A/µs
55
72
IRM
Reverse recovery current
Tj = 125 °C
IF = 10 A, VR = 200 V
dIF/dt = -200 A/µs
912
A
Sfactor
Softness factor
0.3
QRR
Reverse recovery charges
Tj = 125 °C
IF = 10 A, VR = 200 V
dIF/dt = -200 A/µs
250
375
nC
tfr
Forward recovery time
Tj = 25 °C
IF = 10 A, VFR = 1.05 V
dIF/dt = 100 A/µs
200
ns
VFP
Forward recovery voltage
2.5
3.5
V
Figure 1.
Conduction losses versus average
forward current (per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
PF(AV)(W)
0
2
4
6
8
10
12
14
16
02
468
10
12
14
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1.0
IF(AV)(A)
T
δ=tp/T
tp
IFM(A)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Tj=125 °C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=25 °C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values, per
diode)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
IRM(A)
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=200 V
Tj=125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com