Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2 Datasheet(PDF) 1 Page - Riedon Powertron

Part # SC-2
Description  Four Terminal / Surface Mount Wirewound Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

SC-2 Datasheet(HTML) 1 Page - Riedon Powertron

  SC-2_13 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 85
07/13
Specification
Value
Temperature Range
-55°C to +275°C
Dielectric Strength
1000 VAC
Insulation Resistance
>1000 MOhms / Dry
Environmental Performance
(MIL-STD 202)
D
R
Test Conditions
Load Life
±1%
70°C / 90 min ON / 30 min OFF / 1000 hr
Moisture Resistance
±1%
40°C / 90-95% RH / DC 0.1W / 1000 hr
Temperature Cycling
±0.5%
-40°C for 30 min / +125°C for 30 min / 1000 hr
Short Term Overload
±0.5%
5X rated power for 5 seconds
SC-2
• Resistances from 0.005 to 1kOhms
• Tolerance to ±0.005%
• TCR’s to ± 5ppm/°C
• Superior Surge Handling Capability
• Up to 25A Current
• Reel Packaging
• Non-Inductive Windings are Available (Type SCN)
SPECIFICATIONS
1
Contact Factory for others.
Type
Power Rating
Watts @ 70°C
Maximum
Current
Resistance
Range ( W )
Minimum
Tolerance1
Minimum
TC1
SC-2
2W
25A
0.005 to 1
1 to 10
10 to 100
>100
±0.1%
±0.05%
±0.01%
±0.005%
±30ppm/K
±20ppm/K
±10ppm/K
±5ppm/K
For Non-Inductive Windings / insert the letter “N” ( i.e. SCN-2 )
Part Description: Part Type - Resistance - Tolerance - TCR ( If not standard )
Example: SC-2 1 Ohm 0.1%
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Four Terminal / Surface Mount Wirewound Resistors
Ordering Information


Similar Part No. - SC-2_13

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-2-1/2 COOPER-SC-2-1/2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-2-1/2 EATON-SC-2-1/2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Molex Electronics Ltd.
SC-201-12 MOLEX4-SC-201-12 Datasheet
111Kb / 2P
Perma-Seal??Ring Tongue Terminal
SC-201-12 MOLEX-SC-201-12 Datasheet
76Kb / 1P
RING TONGUE TERMINAL PERMA-SEAL NIAC 12-10 AWG
logo
List of Unclassifed Man...
SC-2010 ETC2-SC-2010 Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
More results

Similar Description - SC-2_13

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com