Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20N95K5 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STB20N95K5
Description  N-channel 950 V, 0.275 Ω, 17.5 A SuperMESH 5™ Power MOSFET in D²PAK, TO-220FP, TO-220 and TO-247 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20N95K5 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STB20N95K5 Datasheet HTML 12Page - STMicroelectronics STB20N95K5 Datasheet HTML 13Page - STMicroelectronics STB20N95K5 Datasheet HTML 14Page - STMicroelectronics STB20N95K5 Datasheet HTML 15Page - STMicroelectronics STB20N95K5 Datasheet HTML 16Page - STMicroelectronics STB20N95K5 Datasheet HTML 17Page - STMicroelectronics STB20N95K5 Datasheet HTML 18Page - STMicroelectronics STB20N95K5 Datasheet HTML 19Page - STMicroelectronics STB20N95K5 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
STB20N95K5, STF20N95K5, STP20N95K5, STW20N95K5
Revision history
Doc ID 16825 Rev 4
19/20
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
25-Nov-2009
1
First release.
12-Jan-2010
2
Corrected VGS value in Table 2: Absolute maximum ratings.
22-Dec-2011
3
Inserted device in D2PAK.
Document status promoted from preliminary data to datasheet.
Added: Section 2.1: Electrical characteristics (curves)
Updated Section 4: Package mechanical data.
Added Section 5: Packaging mechanical data.
Minor text changes.
06-Jun-2012
4
Figure 9: Transfer characteristics has been updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com