Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA Datasheet(PDF) 1 Page - Riedon Powertron

Part # SCA
Description  Precision Metal Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

SCA Datasheet(HTML) 1 Page - Riedon Powertron

  SCA_13 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 86
07/13
Type
Power
Rating
( Watts @
70°C
)
Resistance
Range
Maximum
Working
Voltage
Dimensions
D
+0.000 / -0.020
[+0.0 / -0.5mm]
H
+0.000 / -0.020
[+0.0 / -0.5mm]
L
±0.040
[±1.0mm]
W
±0.008
[±0.2mm]
T
+0.000 / -0.020
[+0.0 / -0.5mm]
SCA
1/6
10 to 330k
300
0.205 [5.2]
0.315 [8.0]
0.591 [15.0]
0.100 [2.5]
0.090 [2.3]
SAA
1/4
10 to 1M
350
0.275 [7.0]
0.315 [8.0]
0.591 [15.0]
0.200 [5.1]
0.098 [2.5]
SMA
1/4
10 to 500k
350
0.433 [11.0]
0.170 [4.3]
0.591 [15.0]
0.400 [10.2]
0.098 [2.5]
AA
1/4
10 to 1M
350
0.295 [7.5]
0.327 [8.3]
0.984 [25.0]
0.200 [5.1]
0.110 [2.8]
SAA / SMA / SCA / AA Series
• Resistances from 10 to 1MOhms
• Power Rating 0.25Watts
• Resistance Tolerances to ±0.05%
• TCR to ± 5ppm/°C
• Non-Inductive Design
• SpaceEfficientRadialLeads
• Encapsulating Available (AA series)
SPECIFICATIONS
Part Desctiption: Part Type - Resistance - Tolerance - TCR
Example: SAA 10 kOhms 0.1% 10ppm
Specification
Value
Resistance Range
10 Ohms to 1MOhms
Tolerances
±0.1% to ±1%
±0.05% ( 100W < R < 100KW )
Temperature Coefficient
±10ppm/°C / ±25ppm/°C
±5 ppm/°C ( 100W < R < 100KW )
Temperature Range
-55°C to +125°C
Insulation Resistance
>10000 MOhms
Environmental Performance
(MIL-STD 202)
D
R
Load Life
±0.1%
Moisture Resistance
±0.1%
Temperature Cycling
±0.05%
Short Time Overload
±0.01%
Vibration
±0.01%
Precision Metal Film Resistors
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Ordering Information


Similar Part No. - SCA_13

ManufacturerPart #DatasheetDescription
logo
Eravant
SCA-10-1M1F-SB ERAVANT-SCA-10-1M1F-SB Datasheet
327Kb / 3P
1mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev 1.0
SCA-10-2M2F-S2 ERAVANT-SCA-10-2M2F-S2 Datasheet
235Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev. 1.0
SCA-10-2M2F-S9 ERAVANT-SCA-10-2M2F-S9 Datasheet
250Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev. 1.0
SCA-10-2M2F-SD ERAVANT-SCA-10-2M2F-SD Datasheet
342Kb / 3P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev 1.0
SCA-10-2M2F-SD-40 ERAVANT-SCA-10-2M2F-SD-40 Datasheet
274Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation, 10 W
Rev 1.0
More results

Similar Description - SCA_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com