Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV522IST Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSV522IST
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV522IST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSV522IST Datasheet HTML 13Page - STMicroelectronics TSV522IST Datasheet HTML 14Page - STMicroelectronics TSV522IST Datasheet HTML 15Page - STMicroelectronics TSV522IST Datasheet HTML 16Page - STMicroelectronics TSV522IST Datasheet HTML 17Page - STMicroelectronics TSV522IST Datasheet HTML 18Page - STMicroelectronics TSV522IST Datasheet HTML 19Page - STMicroelectronics TSV522IST Datasheet HTML 20Page - STMicroelectronics TSV522IST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
Application information
Doc ID 022743 Rev 1
17/27
For the operational amplifier, a follower stress condition is used for the reliability evaluation,
with VCC defined in function of the Maximum operating voltage and the absolute maximum
rating (as recommended by the JEDEC standards).
The Vio drift, in µV, of the product after 1000 h duration of stress is tracked with parameters
at different measurement conditions, as for example:
Equation 6
VCC = max. Vop with Vicm=VCC/2
Finally, knowing the calculated number of months and with the measured drift value of the
Vio (corresponding to the electrical characteristics of the respective table) after 1000 h
duration of stress, the ratio of the Vio drift over the square of months, ΔVio in µV/month, is
defined as the long term drift parameter, the parameter estimating the reliability
performance of the product.
Equation 7
ΔVio = Vio drift / (months)
4.8
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.9
Macromodel
Accurate macromodels of the TSV52x device are available on STMicroelectronics™ website
at www.st.com. This model is a trade-off between accuracy and complexity (that is, time
simulation) of the TSV52x operational amplifiers. It emulates the nominal performance of
a typical device within the specified operating conditions mentioned in the datasheet. It also
helps to validate a design approach and to select the appropriate operational amplifier, but it
does not replace onboard measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com