Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV524 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV524
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV524 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV524 Datasheet HTML 9Page - STMicroelectronics TSV524 Datasheet HTML 10Page - STMicroelectronics TSV524 Datasheet HTML 11Page - STMicroelectronics TSV524 Datasheet HTML 12Page - STMicroelectronics TSV524 Datasheet HTML 13Page - STMicroelectronics TSV524 Datasheet HTML 14Page - STMicroelectronics TSV524 Datasheet HTML 15Page - STMicroelectronics TSV524 Datasheet HTML 16Page - STMicroelectronics TSV524 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
Application information
Doc ID 022743 Rev 1
13/27
4
Application information
4.1
Operating voltages
The amplifiers of the TSV52x series can operate from 2.7 to 5.5 V. Their parameters are
fully specified for 2.7, 3.3 and 5 V power supplies. However, the parameters are very stable
in the full VCC range and several characterization curves show the TSV52x device
characteristics at 2.7 V. Additionally, the main specifications are guaranteed in extended
temperature ranges from -40 to +125 °C.
4.2
Common mode voltage range
The TSV52x devices are built with two complementary PMOS and NMOS input differential
pairs. The devices have a rail-to-rail input and the input common mode range is extended
from VCC- - 0.1 V to VCC+ +0.1 V.
The N channel pair is active for input voltage close to the positive rail typically (VCC+ -0.7 V)
to 100 mv above the positive rail.
The P channel pair is active for input voltage close to the negative rail typically 100 mV
below the negative rail to VCC- +0.7 V.
And between VCC- + 0.7 V and VCC+ - 0.7 V the both N and P pairs are active.
When the both pairs work together it allows to increase the speed of the TSV52x device.
This architecture improves a lot the merit factor of the whole device. In the transition region,
the performance of CMR, SVR, Vio (Figure 25 and Figure 26) and THD is slightly degraded.
Figure 25.
Input offset voltage vs. input
common mode at VCC = 2.7 V
Figure 26.
Input offset voltage vs. input
common mode at VCC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com