Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV521A
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521A Datasheet(HTML) 1 Page - STMicroelectronics

  TSV521A Datasheet HTML 1Page - STMicroelectronics TSV521A Datasheet HTML 2Page - STMicroelectronics TSV521A Datasheet HTML 3Page - STMicroelectronics TSV521A Datasheet HTML 4Page - STMicroelectronics TSV521A Datasheet HTML 5Page - STMicroelectronics TSV521A Datasheet HTML 6Page - STMicroelectronics TSV521A Datasheet HTML 7Page - STMicroelectronics TSV521A Datasheet HTML 8Page - STMicroelectronics TSV521A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
June 2012
Doc ID 022743 Rev 1
1/27
27
TSV521, TSV522, TSV524,
TSV521A, TSV522A, TSV524A
High merit factor (1.15 MHz for 45 µA) CMOS op amps
Datasheet
−preliminary data
Features
■ Gain bandwidth product: 1.15 MHz typ. at 5 V
■ Low power consumption: 45 µA typ. at 5 V
■ Rail-to-rail input and output
■ Low input bias current: 1 pA typ.
■ Supply voltage: 2.7 to 5.5 V
■ Low offset voltage: 800 µV max.
■ Unity gain stable on 100 pF capacitor
■ Automotive grade
Benefits
■ Increased lifetime in battery powered
applications
■ Easy interfacing with high impedance sensors
Related products
■ See TSV6x series for lower minimum supply
voltage (1.5 V)
■ See LMV82x series for higher gain bandwidth
products (5.5 MHz)
Applications
■ Battery powered applications
■ Portable devices
■ Automotive signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV52x series of operational amplifiers
offers low voltage operation and rail-to-rail input
and output. The TSV521 device is the single
version, the TSV522 device the dual version, and
the TSV524 device the quad version, with pinouts
compatible with industry standards.
The TSV52x series offers an outstanding
speed/power consumption ratio, 1.15 MHz gain
bandwidth product while consuming only 45 µA at
5 V. The devices are housed in the smallest
industrial packages.
These features make the TSV52x family ideal for
sensor interfaces, battery supplied and portable
applications. The wide temperature range and
high ESD tolerance facilitate their use in harsh
automotive applications.
Table 1.
Device summary
Standard Vio
Enhanced Vio
Single
TSV521
TSV521A
Dual
TSV522
TSV522A
Quad
TSV524
TSV524A
TSSOP14
MiniSO8
SC70-5
DFN8 2 x 2
QFN16 3 x 3
www.st.com


Similar Part No. - TSV521A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV521A STMICROELECTRONICS-TSV521A Datasheet
1Mb / 29P
High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
Rev 4 - November 2023
TSV521AICT STMICROELECTRONICS-TSV521AICT Datasheet
1Mb / 29P
High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
Rev 4 - November 2023
More results

Similar Description - TSV521A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
logo
Microchip Technology
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
1 MHz, 45 A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
1 MHz, 45 關A Op Amps
2010
logo
STMicroelectronics
TSV6290 STMICROELECTRONICS-TSV6290 Datasheet
761Kb / 23P
Micropower with high merit factor CMOS operational amplifiers
04-Mar-2010
logo
Analog Devices
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
10 MHz, 850 μA Op Amps
Revision C October 2019
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com