Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B-5000JZX Datasheet(PDF) 35 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 31Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 32Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 33Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 34Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 35Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 36Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 37Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 38Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
2-Port SS/HS USB Hub Controller
Datasheet
SMSC USB5532B
35
Revision 1.2 (05-31-13)
DATASHEET
Chapter 8 Package Drawing
Figure 8.1 USB5532B 64 Pin QFN Package
Notes:
1. All dimensions are in millimeters unless otherwise noted.
2. Dimension “b” applies to plated terminals and is measured between 0.15 and 0.30 mm from the terminal tip.
3. The pin 1 identifier may vary, but is always located within the zone indicated.
Table 8.1 USB5532B 64-Pin QFN Dimensions
MIN
NOMINAL
MAX
REMARKS
A
0.80
0.85
1.00
Overall Package Height
A1
0
0.02
0.05
Standoff
A2
-
0.65
0.80
Mold Cap Thickness
D/E
8.90
9.00
9.10
X/Y Body Size
D1/E1
8.65
8.75
8.85
X/Y Mold Cap Size
D2/E2
5.90
6.00
6.10
X/Y Exposed Pad Size
L
0.30
0.40
0.50
Terminal Length
b
0.18
0.25
0.30
Terminal Width
K
0.90
-
-
Center Pad to Pin Clearance
e
0.50 BSC
Terminal Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com