Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC162049 Datasheet(PDF) 1 Page - Microchip Technology

Part # AC162049
Description  MPLAB ICD 2 In-Circuit Debugger/Programmer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162049 Datasheet(HTML) 1 Page - Microchip Technology

  AC162049 Datasheet HTML 1Page - Microchip Technology AC162049 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
· USB (Full Speed 2 Mbits/s) and RS-232 interface to
host PC
· Real-time execution
· MPLAB IDE compatible (free copy included)
· Built-in over voltage/short circuit monitor
· Firmware upgradeable from PC/web download
· Totally enclosed
· Supports low voltage to 2.0 volts (2.0 to 6.0 range)
· Diagnostic LED's (Power, Busy, Error)
· Read/Write program and data memory of
microcontroller
· Erase of program memory space with verification
· Freeze-peripherals at breakpoint
Products Supported
The MPLAB ICD 2 currently supports most PIC and dsPIC
Flash microcontrollers. Flash PICmicro MCU’s not
supported are PIC16F72/73/74/76/77/83/84A.
The MPLAB ICD 2 firmware is continually being updated to
add support for new devices. A review of the README file
located in MPLAB IDE is recommended for the most current
list of supported parts. As new device firmware becomes
available, free downloads are available at
www.microchip.com.
In-Circuit Debugging Basics
Traditionally, embedded systems engineers use in-circuit
emulators (ICE) to develop and debug their designs and
then programmers to transfer the code to the devices. The
in-circuit debugging logic, when implemented, is part of the
actual microcontroller silicon and provides a low-cost
alternative to a more expensive ICE. In-circuit debugging
offers these benefits:
· Low cost
· Minimum of extra hardware
· Expensive sockets or adapters are not needed
· Debugging and programming a production line board is
possible
However, it has the following trade-offs:
· Use of some target system resources such as I/O
pins, program memory, data memory, and stack
space. As a result, some portions of an embedded
application may not be debugged.
· Triggering and breakpointing are limited to the built-in
capabilities of the in-circuit debugging logic.
· The target chip must be running with a clock and a
supply voltage. Often an emulator probe can run
without external hardware.
All-in-one Debugger/Programmer
Solution for Flash Products
The MPLAB ICD 2 (In-Circuit Debugger 2) allows
debugging and programming of PIC®and dsPIC®Flash
microcontrollers using the powerful graphical user interface
of the MPLAB Integrated Development Environment (IDE),
included with each kit. The MPLAB ICD 2 is connected to
the design engineer's PC using USB or RS-232 interface
and can be connected to the target via an ICD connector.
The connector uses two device I/O pins that are shared
between in-circuit debugging and In-Circuit Serial
Programming™.
Host System Requirements
· PC-compatible system with a Intel Pentium®class or
higher processor, or equivalent
· A minimum of 32 MB RAM
· A minimum of 40 MB available hard drive space
· CD-ROM drive (for use with the accompanying CD)
· Available USB or RS-232 port
· Microsoft®Windows®98, Windows NT®4.0,
Windows 2000 or Windows XP. USB support may be
limited by the Windows operating system, particularly
Windows 98/NT.
MPLAB®ICD 2 In-Circuit Debugger/Programmer


Similar Part No. - AC162049

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC162050 MICROCHIP-AC162050 Datasheet
183Kb / 12P
Header Specification
08/24/05
AC162050 MICROCHIP-AC162050 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
AC162051 MICROCHIP-AC162051 Datasheet
101Kb / 4P
MPLAB짰 ICD HEADER
2002
AC162052 MICROCHIP-AC162052 Datasheet
183Kb / 12P
Header Specification
08/24/05
AC162052 MICROCHIP-AC162052 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results

Similar Description - AC162049

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
In-circuit debugger/programmer for STM8 and STM32
06-Jan-2012
logo
Microchip Technology
DS51795A MICROCHIP-DS51795A Datasheet
1Mb / 98P
PICkit??3 Programmer/Debugger
2009
51795B MICROCHIP-51795B Datasheet
1Mb / 100P
PICkit??3 Programmer/Debugger
01/05/10
AC162069 MICROCHIP-AC162069 Datasheet
106Kb / 1P
AC162069 - MPLAB ICD 2 Breadboard Cable
AC164113 MICROCHIP-AC164113 Datasheet
194Kb / 1P
Using MPLAB ICD 3
2/10
PG164120 MICROCHIP-PG164120 Datasheet
2Mb / 86P
PICkit. 2 Programmer/Debugger User혪s Guide
01/02/08
logo
List of Unclassifed Man...
ICD-U64 ETC1-ICD-U64 Datasheet
297Kb / 2P
In-Circuit Programmer/Debugger
logo
Microchip Technology
PG164140 MICROCHIP-PG164140 Datasheet
306Kb / 2P
MPLAB® PICkit™ 4 In-Circuit Debugger/ProgrammerC
2018
PG164140 MICROCHIP-PG164140_V01 Datasheet
711Kb / 2P
MPLAB® PICkitTM 4 In-Circuit Debugger
2018
PG164100 MICROCHIP-PG164100 Datasheet
1Mb / 12P
MPLAB® SNAP IN-CIRCUIT DEBUGGER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com