Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC162048 Datasheet(PDF) 2 Page - Microchip Technology

Part # AC162048
Description  MPLAB ICD 2 In-Circuit Debugger/Programmer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162048 Datasheet(HTML) 2 Page - Microchip Technology

  AC162048 Datasheet HTML 1Page - Microchip Technology AC162048 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo, the Microchip logo, dsPIC, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated
in the U.S.A. and other countries. FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology
Incorporated in the U.S.A. Accuron, Application Maestro, dsPICDEM, dsPICDEM.net, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC,
microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICC, PICkit, PICDEM, PICDEM.net, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor,
SmartShunt, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of
Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies.
© 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. 9/03
DS51264B
*DS51264B*
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199 USA • (480) 792-7200 • FAX (480) 792-7277
Customer Support
Microchip maintains a worldwide network of distributors, representatives, local sales offices, Field Application Engineers and
Corporate Application Engineers. Microchip’s Internet home page can be reached at: www.microchip.com.
Americas
Atlanta
(770) 640-0034
Boston
(978) 692-3848
Chicago
(630) 285-0071
Dallas
(972) 818-7423
Detroit
(248) 538-2250
Kokomo
(765) 864-8360
Los Angeles
(949) 263-1888
Phoenix
(480) 792-7966
San Jose
(408) 436-7950
Toronto
(905) 673-0699
Asia/Pacific
Australia
61-2-9868-6733
China – Beijing
86-10-85282100
China – Chengdu
86-28-86766200
China – Fuzhou
86-591-7503506
China – Hong Kong SAR
852-2401-1200
China – Qingdao
86-532-5027355
China – Shanghai
86-21-6275-5700
China – Shenzhen
86-755-82901380
China – Shunde
86-765-8395507
India
91-80-2290061
Japan
81-45-471- 6166
Korea
82-2-554-7200
Singapore
65-6334-8870
Taiwan
886-2-2717-7175
Taiwan – Kaohsiung
886-7-536-4818
Europe
Austria
43-7242-2244-399
Denmark
45-4420-9895
France
33-1-69-53-63-20
Germany
49-89-627-144-0
Italy
39-0331-742611
Netherlands
31-416-690399
United Kingdom
44-118-921-5869
As of 9/1/03
Part Numbers and Ordering Information – MPLAB® ICD 2 Products and Accessories
Part Number
Description
Availability
DV164005
ICD 2 Module (Includes ICD 2 Module and USB Cable)
Now
DV164006
ICD 2 Evaluation Kit (Includes ICD 2 Module, USB Cable, RS-232 Cable, Power Supply and
PICDEM™ 2 Plus Demonstration Board - DV163022)
Now
DV164007
ICD 2 Module ws (Includes ICD 2 Module, USB Cable, RS-232 Cable and Power Supply)
Now
AC162049
Universal Programming Module Works with DV164005, DV164006 and DV164007 above)
Now
AC162048
RS-232 and Power Supply Kit (Use with DV164005 above for RS-232 communication)
Now
DM163022
PICDEM 2 Plus Demonstration Board (Includes PIC18F452, PIC16F877, LCD 2 x 16 Display,
Now
LED’s, RS-232 Port, Piezo Sounder, Temperature Sensor, Demonstration Programs, Unassembled
Source Code and More)
AC162050
Header Interface (8P DIP) for PIC12F629/675
Now
AC162051
Header Interface (28P/40P DIP)
Now
AC162052
Header Interface (14P DIP) for PIC16F676/630
Now
AC162053
Header Interface (18P DIP) for PIC16F627A/628A/648A
Now
AC162054
Header Interface (18P DIP) for PIC16F716
Q1/04
MPLAB ICD 2 Headers
For 8-pin (PIC12F629/675), 14-pin
(PIC16F630/676) or 18-pin
(PIC16F627A/628A/648A) devices,
limited I/O make integrated in-circuit
debugging impractical. Instead, in-
circuit debugging is made possible
by using a header containing an
equivalent device with integrated in-
circuit debugging peripheral. For
debugging, the header is connected
to the MPLAB ICD 2 module via the MPLAB ICD 2 connector
and is inserted into the target socket with a stand-off
connector.
Universal Programming Module
The Universal Programming
Module can be used in
conjunction with the MPLAB
ICD 2 to provide an easy
means for programming 300 to
600-mil PDIP Flash devices. It
features a 40-pin ZIP socket,
an MPLAB ICD 2 connector,
programming indicator and
configuration jumpers.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com