Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM240011 Datasheet(PDF) 14 Page - Microchip Technology

Part # DM240011
Description  16-bit Embedded Control Solutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM240011 Datasheet(HTML) 14 Page - Microchip Technology

Back Button DM240011 Datasheet HTML 10Page - Microchip Technology DM240011 Datasheet HTML 11Page - Microchip Technology DM240011 Datasheet HTML 12Page - Microchip Technology DM240011 Datasheet HTML 13Page - Microchip Technology DM240011 Datasheet HTML 14Page - Microchip Technology DM240011 Datasheet HTML 15Page - Microchip Technology DM240011 Datasheet HTML 16Page - Microchip Technology DM240011 Datasheet HTML 17Page - Microchip Technology DM240011 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14 16-bit Embedded Control Solutions
General Purpose Development & Evaluation Tools
Development Boards
A variety of hardware development boards are available
for the PIC24 MCU and dsPIC DSC, enabling designers to
shorten their design cycle and quickly develop prototypes.
These boards are designed to allow easy connection to
an MPLAB ICD 3 In-Circuit Debugger, MPLAB REAL ICE
In-Circuit Emulator or MPLAB PM3 device programmer. All
development boards include documentation and example
source code to accelerate your design.
Starter Kits
MPLAB starter kits are designed to demonstrate the key
features of the device family they represent. In addition to
the external circuit needed to support and demonstrate
the device, the starter kits include the circuitry necessary
to debug and program the MCUs and DSCs. When
combined twith the MPLAB X IDE and the MPLAB XC16
Compiler, these starter kits allow designers to gain quick
knowledge and experience with the 16-bit MCU and dsPIC
DSC products.
MPLAB Starter Kit for PIC24F MCUs (DM240011)
This starter kit is based on the
PIC24FJ256GB110 family and is
equipped with the hardware and
software necessary to demonstrate
the USB Device/Embedded Host/OTG
peripheral and mTouch Capacitive Touch Sense technology.
dsPIC33E/PIC24E USB Starter Kit
(DM330012/DM240012)
These starter kits provide a low-cost
modular development system for Microchip’s
enhanced 16-bit Digital Signal Controllers or
High-Performance Microcontrollers (MCUs).
They come with preloaded demo software for
the user to explore the new features of the dsPIC33E DSC
family or the PIC24E MCU family.
Microsticks
Microsticks are USB-powered and include an on-board
debugger/programmer. They are the lowest cost way to get
started evaluating PIC24 MCUs or dsPIC DSCs since no
external debugger or power source is needed.
The Microsticks are fully supported by MPLAB X IDE and
provide easy plug-in to a standard breadboard with access
to device signals for prototyping. These boards have a very
small form factor and include free demo code.
Microstick for dsPIC33F and PIC24H Development
Board (DM330013)
The Microstick for dsPIC33F and
PIC24H devices is designed to
provide designers with an easy to use,
economical development environment for 16-bit digital
signal controllers and microcontrollers.
Microstick for 3V PIC24 K-series Development
Board (DM240013-1)
Microstick for 3V PIC24F K-series is
a flexible, USB powered development
platform. It’s the perfect solution for
those looking to get started with Microchip’s lowest cost
16-bit microcontroller families, the PIC24F K-series, for
extremely cost sensitive applications.
Microstick II Development Board (DM330013-2)
Microstick II delivers a low-cost,
easy-to-use development platform
for Microchip’s 16- and 32-bit
microcontrollers and digital signal controllers. The
USB-powered kit includes an on-board debugger/
programmer, a DUT socket for easy device swapping, a
user LED and reset button.
General Purpose 16-bit Development Boards
Description
Part Number
Devices Supported
PIC24F
PIC24H/E
dsPIC33F/E
MPLAB Starter Kit for PIC24F MCUs
DM240011
ü
–
–
PIC24E USB Starter Kit
DM240012
–
ü
–
dsPIC33E USB Starter Kit
DM330012
–
–
ü
Microstick for dsPIC33F and PIC24H
Development Board
DM330013
–
ü
ü
Microstick for 3V PIC24 K-series
Development Board
DM240013-1*
ü
–
–
Microstick II Development Board
DM330013-2
ü
ü
ü
Explorer 16 Development Board
DM240001
ü
ü
ü
*For use with 3V PIC24 K-series devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com