Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330012 Datasheet(PDF) 2 Page - Microchip Technology

Part # DM330012
Description  16-bit Embedded Control Solutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330012 Datasheet(HTML) 2 Page - Microchip Technology

  DM330012 Datasheet HTML 1Page - Microchip Technology DM330012 Datasheet HTML 2Page - Microchip Technology DM330012 Datasheet HTML 3Page - Microchip Technology DM330012 Datasheet HTML 4Page - Microchip Technology DM330012 Datasheet HTML 5Page - Microchip Technology DM330012 Datasheet HTML 6Page - Microchip Technology DM330012 Datasheet HTML 7Page - Microchip Technology DM330012 Datasheet HTML 8Page - Microchip Technology DM330012 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2 16-bit Embedded Control Solutions
16-bit Embedded Control Solutions
Resources available at www.microchip.com/16bit
■ Product Information
■ Application Solutions
■ Design Tools
■ Web Seminars
■ Application Notes & Reference Designs
The top challenges facing today’s embedded system designer are attaining product specification and performance goals,
achieving on-time market launch and meeting cost targets. Microchip’s 16-bit Microcontroller & Digital Signal Controller
families deliver the performance, peripherals, software and hardware development tools to meet these objectives.
Integrated DSP
■ Look and feel of MCU
■ Single cycle 16 × 16 MAC
■ 40-bit accumulators
■ Dual operand fetches
■ Saturation and rounding modes
■ Free libraries and low cost
filter design tools
Powerful 16-bit CPU
■ CoreMark™/MHz 1.88
(EEMBC Certified)
■ Single cycle execution
■ Deterministic interrupt response
■ Single cycle bit manipulation
■ Single-cycle multiply
■ Zero overhead looping
■ Fast DMA: no cycle stealing
Innovative Peripherals
■ Motor control peripherals
■ SMPS peripherals
■ Graphics controller
■ CTMU for mTouch technology
■ USB Device/Embedded Host/OTG
■ CAN
■ Peripheral trigger generator
■ Intelligent analog
Small Packages
■ Packages as small as
5 × 5 mm
■ 16-bit MCU with 128 KB Flash
in a 6 × 6 mm package
■ Peripheral Pin Select allows
access to the peripherals
needed
Flexible Flash
■ High endurance, flexible and
secure Flash
■ Advanced security features
■ Program and data storage
■ Self-program features
Power Saving Options
■ eXtreme Low Power technology
■ Deep sleep current as low
as 10 nA
■ Options to reduce speed or
disable CPU
■ Application software can alter
clock speeds
■ Vbat battery backup
Broad Portfolio
■ 16–70 MIPS, DSP options
■ 4–512 KB Flash
■ 256B–96 KB RAM
■ 14–144 Pins
Efficient Energy
■ Longer battery life in portable applications
■ High efficiency motor control
■ Platinum-rated digital power supplies
Easy Migration
■ Unified development environment
■ Industry-leading code efficiency
■ Lower total system cost
■ Faster time-to-market
High Performance Peripherals
■ Fast and flexible PWMs
■ Integrated ADCs, Op Amps, DACs, LCD
■ Connectivity with USB, CAN, LIN
Free Software & Reference Designs
■ Shorten design cycle & reduce risk
■ USB, TCP/IP, graphics and wireless stacks
■ Motor control example software
■ DSP math function library (FFT, IIR, etc.)
■ Reference designs for digital power &
lighting applications
dsPIC
®
Digital
Signal
Control
ler
PIC24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com