Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330013 Datasheet(PDF) 2 Page - Microchip Technology

Part # DM330013
Description  16-bit Embedded Control Solutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330013 Datasheet(HTML) 2 Page - Microchip Technology

  DM330013 Datasheet HTML 1Page - Microchip Technology DM330013 Datasheet HTML 2Page - Microchip Technology DM330013 Datasheet HTML 3Page - Microchip Technology DM330013 Datasheet HTML 4Page - Microchip Technology DM330013 Datasheet HTML 5Page - Microchip Technology DM330013 Datasheet HTML 6Page - Microchip Technology DM330013 Datasheet HTML 7Page - Microchip Technology DM330013 Datasheet HTML 8Page - Microchip Technology DM330013 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2 16-bit Embedded Control Solutions
16-bit Embedded Control Solutions
Resources available at www.microchip.com/16bit
Product Information
Application Solutions
Design Tools
Web Seminars
Application Notes & Reference Designs
The top challenges facing today’s embedded system designer are attaining product specification and performance goals,
achieving on-time market launch and meeting cost targets. Microchip’s 16-bit Microcontroller & Digital Signal Controller
families deliver the performance, peripherals, software and hardware development tools to meet these objectives.
Integrated DSP
Look and feel of MCU
Single cycle 16 × 16 MAC
40-bit accumulators
Dual operand fetches
Saturation and rounding modes
Free libraries and low cost
filter design tools
Powerful 16-bit CPU
CoreMark™/MHz 1.88
(EEMBC Certified)
Single cycle execution
Deterministic interrupt response
Single cycle bit manipulation
Single-cycle multiply
Zero overhead looping
Fast DMA: no cycle stealing
Innovative Peripherals
Motor control peripherals
SMPS peripherals
Graphics controller
CTMU for mTouch technology
USB Device/Embedded Host/OTG
CAN
Peripheral trigger generator
Intelligent analog
Small Packages
Packages as small as
5 × 5 mm
16-bit MCU with 128 KB Flash
in a 6 × 6 mm package
Peripheral Pin Select allows
access to the peripherals
needed
Flexible Flash
High endurance, flexible and
secure Flash
Advanced security features
Program and data storage
Self-program features
Power Saving Options
eXtreme Low Power technology
Deep sleep current as low
as 10 nA
Options to reduce speed or
disable CPU
Application software can alter
clock speeds
Vbat battery backup
Broad Portfolio
16–70 MIPS, DSP options
4–512 KB Flash
256B–96 KB RAM
14–144 Pins
Efficient Energy
Longer battery life in portable applications
High efficiency motor control
Platinum-rated digital power supplies
Easy Migration
Unified development environment
Industry-leading code efficiency
Lower total system cost
Faster time-to-market
High Performance Peripherals
Fast and flexible PWMs
Integrated ADCs, Op Amps, DACs, LCD
Connectivity with USB, CAN, LIN
Free Software & Reference Designs
Shorten design cycle & reduce risk
USB, TCP/IP, graphics and wireless stacks
Motor control example software
DSP math function library (FFT, IIR, etc.)
Reference designs for digital power &
lighting applications
dsPIC
®
Digital
Signal
Control
ler
PIC24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com