Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24F
Description  PIC24F Accessory Development Starter Kit for Android
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F Datasheet(HTML) 1 Page - Microchip Technology

  PIC24F Datasheet HTML 1Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC24F Accessory Development Starter Kit for Android
Part Number: DM240415
The Microchip PIC24F Accessory Development Start Kit for Android™ is a
standalone board used for evaluating and developing electronic accessories for
Google’s Android operating system for smartphones and tablets.
This starter kit bundles five major components:
16-bit PIC24F Development Board
PICkit 3 In-Circuit Debugger (PG164130)
• RJ-11 to ICSP Adapter (AC164110)
• 9V Power Supply (AC002014)
• Royalty Free, No Fee Licensed Software Library
Board Features:
PIC24F 16-bit PIC® MCU with USB OTG
• Type A USB connector
• User interface buttons
• LEDs and potentiometer
• Device charger circuitry up to 500mA
Arduino footprint compatible for prototyping


Similar Part No. - PIC24F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
Flash Programming Specifications
2010
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
727Kb / 48P
Flash Programming Specifications
2008
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
PIC24F04KA200T-I/MQ MICROCHIP-PIC24F04KA200T-I/MQ Datasheet
3Mb / 224P
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results

Similar Description - PIC24F

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8927301ZAC ZILOG-Z8927301ZAC Datasheet
155Kb / 4P
Z89273 ACCESSORY KIT
Z8927302ZAC ZILOG-Z8927302ZAC Datasheet
145Kb / 4P
Z89273 ACCESSORY KIT
Z8937100ZAC ZILOG-Z8937100ZAC Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8937101ZAC ZILOG-Z8937101ZAC Datasheet
270Kb / 7P
Z89371 ACCESSORY KIT
Z8937300ZAC ZILOG-Z8937300ZAC Datasheet
110Kb / 4P
Z89373 ACCESSORY KIT
Z8937301ZAC ZILOG-Z8937301ZAC Datasheet
166Kb / 4P
Z89373 ACCESSORY KIT
logo
Future Technology Devic...
DS_UMFT311EV FTDI-DS_UMFT311EV Datasheet
827Kb / 16P
The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
BCM Advanced Research.
AR3399RK-DEV BCM-AR3399RK-DEV Datasheet
246Kb / 1P
AR3399RK Development Kit with 10in Touch Panel, Android or Linux OS
2020/11/16
AR8MXMQ-DEV BCM-AR8MXMQ-DEV Datasheet
251Kb / 1P
AR8MXMQ Development Kit with 10in Touch Panel, Android or Linux OS
2021/02/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com