Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1047A Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1047A
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047A Datasheet(HTML) 2 Page - Microchip Technology

  TC1047A Datasheet HTML 1Page - Microchip Technology TC1047A Datasheet HTML 2Page - Microchip Technology TC1047A Datasheet HTML 3Page - Microchip Technology TC1047A Datasheet HTML 4Page - Microchip Technology TC1047A Datasheet HTML 5Page - Microchip Technology TC1047A Datasheet HTML 6Page - Microchip Technology TC1047A Datasheet HTML 7Page - Microchip Technology TC1047A Datasheet HTML 8Page - Microchip Technology TC1047A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1047/TC1047A
DS21498C-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ......................................................+7V
Voltage on Any Pin with Respect to Supplies:
..................................................VSS -0.3 to VDD +0.3V
Operating Temperature ......................-40°C to +125°C
Storage Temperature Range ..............-55°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, these specifications apply for the entire supply voltage range
and for TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
2.7
—
4.4
V
TC1047
2.5
—
5.5
V
TC1047A
Supply Current, Operating
IQ
—35
60
µA
Average Slope of Output Voltage
AV
—
10
—
mV/°C
Temperature Accuracy
TMPACY
-2
±0.5
+2
°C
TA = 25°C
-3
±0.5
+3
°C
TA = +125°C
—1.0
—
°C
TA = -40°C
Output Voltage
VOUT
—100
—
mV
TA = -40°C
730
750
770
mV
TA = 25°C
1720
1750
1780
mV
TA = +125°C
Output Source and Sink Current
IOUT
100
—
—
µA
Electrical Specifications: Unless otherwise indicated, VDD = +2.3V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 3L-SOT-23B
θJA
—336
—
°C/W
Note 1:
The TC1047/TC1047A operate over this extended temperature range, but with reduced performance. In
any case, the Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com