Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 257 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 257 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 253Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 254Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 255Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 256Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 257Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 258Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 259Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 260Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 257
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
REGISTER 21-1:
AD1CON1: ADC1 CONTROL REGISTER 1
R/W-0
U-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
ADON
—
ADSIDL
ADDMABM
—AD12B
FORM<1:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
HC,HS
R/C-0
HC, HS
SSRC<2:0>
—
SIMSAM
ASAM
SAMP
DONE
bit 7
bit 0
Legend:
HC = Cleared by hardware
HS = Set by hardware
C = Clear only bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON: ADC Operating Mode bit
1
= ADC module is operating
0
=ADC is off
bit 14
Unimplemented: Read as ‘0’
bit 13
ADSIDL: Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
ADDMABM: DMA Buffer Build Mode bit
1
= DMA buffers are written in the order of conversion. The module provides an address to the DMA
channel that is the same as the address used for the non-DMA stand-alone buffer
0
= DMA buffers are written in Scatter/Gather mode. The module provides a scatter/gather address
to the DMA channel, based on the index of the analog input and the size of the DMA buffer
bit 11
Unimplemented: Read as ‘0’
bit 10
AD12B: 10-Bit or 12-Bit Operation Mode bit
1
= 12-bit, 1-channel ADC operation
0
= 10-bit, 4-channel ADC operation
bit 9-8
FORM<1:0>: Data Output Format bits
For 10-bit operation:
11
= Signed fractional (DOUT = sddd dddd dd00 0000, where s =.NOT.d<9>)
10
= Fractional (DOUT = dddd dddd dd00 0000)
01
= Signed integer (DOUT = ssss sssd dddd dddd, where s = .NOT.d<9>)
00
= Integer (DOUT = 0000 00dd dddd dddd)
For 12-bit operation:
11
= Signed fractional (DOUT = sddd dddd dddd 0000, where s = .NOT.d<11>)
10
= Fractional (DOUT = dddd dddd dddd 0000)
01
= Signed Integer (DOUT = ssss sddd dddd dddd, where s = .NOT.d<11>)
00
= Integer (DOUT = 0000 dddd dddd dddd)
bit 7-5
SSRC<2:0>: Sample Clock Source Select bits
111
= Internal counter ends sampling and starts conversion (auto-convert)
110
= Reserved
101
= Reserved
100
= GP timer (Timer5 for ADC1) compare ends sampling and starts conversion
011
= Reserved
010
= GP timer (Timer3 for ADC1) compare ends sampling and starts conversion
001
= Active transition on INT0 pin ends sampling and starts conversion
000
= Clearing sample bit ends sampling and starts conversion
bit 4
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com