Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 259 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 259 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 255Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 256Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 257Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 258Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 259Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 260Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 261Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 262Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 259
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
REGISTER 21-2:
AD1CON2: ADC1 CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
VCFG<2:0>
—
—
CSCNA
CHPS<1:0>
bit 15
bit 8
R-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUFS
—
SMPI<3:0>
BUFM
ALTS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
VCFG<2:0>: Converter Voltage Reference Configuration bits
bit 12-11
Unimplemented: Read as ‘0’
bit 10
CSCNA: Scan Input Selections for CH0+ during Sample A bit
1
= Scan inputs
0
= Do not scan inputs
bit 9-8
CHPS<1:0>: Selects Channels Utilized bits
When AD12B = 1, CHPS<1:0> is: U-0, Unimplemented, Read as ‘0’
1x
= Converts CH0, CH1, CH2 and CH3
01
= Converts CH0 and CH1
00
= Converts CH0
bit 7
BUFS: Buffer Fill Status bit (only valid when BUFM = 1)
1
= ADC is currently filling buffer 0x8-0xF, user should access data in 0x0-0x7
0
= ADC is currently filling buffer 0x0-0x7, user should access data in 0x8-0xF
bit 6
Unimplemented: Read as ‘0’
bit 5-2
SMPI<3:0>: Selects Increment Rate for DMA Addresses bits or number of sample/conversion
operations per interrupt
1111
= Increments the DMA address or generates interrupt after completion of every 16th sample/
conversion operation
1110
= Increments the DMA address or generates interrupt after completion of every 15th sample/
conversion operation
•
•
•
0001
= Increments the DMA address after completion of every 2nd sample/conversion operation
0000
= Increments the DMA address after completion of every sample/conversion operation
bit 1
BUFM: Buffer Fill Mode Select bit
1
= Starts buffer filling at address 0x0 on first interrupt and 0x8 on next interrupt
0
= Always starts filling buffer at address 0x0
bit 0
ALTS: Alternate Input Sample Mode Select bit
1
= Uses channel input selects for Sample A on first sample and Sample B on next sample
0
= Always uses channel input selects for Sample A
ADREF+
ADREF-
000
AVDD
AVSS
001
External VREF+AVSS
010
AVDD
External VREF-
011
External VREF+
External VREF-
1xx
AVDD
Avss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com