Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 265 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 265 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 261Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 262Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 263Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 264Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 265Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 266Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 267Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 268Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 265
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
22.0
AUDIO DIGITAL-TO-ANALOG
CONVERTER (DAC)
The Audio Digital-to-Analog Converter (DAC) module
is a 16-bit Delta-Sigma signal converter designed for
audio applications. It has two output channels, left and
right to support stereo applications. Each DAC output
channel provides three voltage outputs, positive DAC
output, negative DAC output, and the midpoint voltage
output
for
the
dsPIC33FJ64GP804
and
dsPIC33FJ128GP804
devices.
The
dsPIC33FJ64GP802
and
dsPIC33FJ128GP802
devices provide positive DAC output and negative DAC
output voltages.
22.1
Key Features
• 16-bit resolution (14-bit accuracy)
• Second-Order Digital Delta-Sigma Modulator
• 256 X Over-Sampling Ratio
• 128-Tap FIR Current-Steering Analog Recon-
struction Filter
• 100 ksps Maximum Sampling Rate
• User controllable Sample Clock
• Input Frequency 45 kHz max
• Differential Analog Outputs
• Signal-To-Noise: 90 dB
• 4-deep input Buffer
• 16-bit Processor I/O, and DMA interfaces
22.2
DAC Module Operation
The functional block diagram of the Audio DAC module
is shown in Figure 22-1. The Audio DAC module pro-
vides a 4-deep data input FIFO buffer for each output
channel. If the DMA module and/or the processor can-
not provide output data in a timely manner, and the
FIFO becomes empty, the DAC accepts data from the
DAC Default Data register (DACDFLT). This safety fea-
ture is useful for industrial control applications where
the DAC output controls an important processor or
machinery. The DACDFLT register should be initialized
with a “safe” output value. Often the safe output value
is either the midpoint value (0x8000) or a zero value
(0x0000).
The digital interpolator up-samples the input signals,
where the over-sampling ratio is 256x which creates
data points between the user supplied data points.
The interpolator also includes processing by digital
filters to provide “noise shaping” to move the
converter noise above 20 kHz (upper limit of the pass
band). The output of the interpolator drives the Sigma-
Delta modulator. The serial data bit stream from the
Sigma-Delta
modulator
is
processed
by
the
reconstruction filter. The differential outputs of the
reconstruction filter are amplified by Op Amps to
provide the required peak-to-peak voltage swing.
22.3
DAC Output Format
The DAC output data stream can be in a two’s comple-
ment signed number format or as an unsigned number
format.
The Audio DAC module features the ability to accept
the 16-bit input data in a two’s complement signed
number format or as an unsigned number format.
The data formatting is controlled by the Data Format
Control (FORM<8>) bit in the DAC1CON register.
The supported formats are:
• 1 = Signed (two’s complement)
• 0 = Unsigned
If the FORM bit is configured for “Unsigned data” then
the user input data yields the following behavior:
• 0xFFFF = most positive output voltage
• 0x8000 = mid point output voltage
• 0x7FFF = a value just below the midpoint
• 0x0000 = minimum output voltage
If the FORM bit is configured for “signed data” then the
user input data yields the following behavior:
• 0x7FFF = most positive output voltage
• 0x0000 = mid point output voltage
• 0xFFFF = value just below the midpoint
• 0x8000 = minimum output voltage
The Audio DAC provides an analog output proportional
to the digital input value. The maximum 100,000 sam-
ples per second (100 ksps) update rate provides good
quality audio reproduction.
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 33. Audio Digital-to-
Analog Converter (DAC)”, (DS70211) of
the “dsPIC33F/PIC24H Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
Note:
The DAC module is designed specifically
for
audio
applications
and
is
not
recommended
for
control
type
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com