Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 266 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 266 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 262Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 263Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 264Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 265Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 266Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 267Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 268Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 269Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 266
Preliminary
 2009 Microchip Technology Inc.
22.4
DAC Clock
The DAC clock signal clocks the internal logic of the
Audio DAC module. The data sample rate of the Audio
DAC is an integer division of the rate of the DAC clock.
The DAC clock is generated via a clock divider circuit
that accepts an auxiliary clock from the auxiliary
oscillator.
The divisor ratio is programmed by clock divider bits
(DACFDIV<6:0>)
in
the
DAC
Control
register
(DAC1CON). The resulting DAC clock must not exceed
25.6 MHz. If lower sample rates are to be used, then
the DAC filter clock frequency may be reduced to
reduce power consumption. The DAC clock frequency
is 256 times the sampling frequency.
FIGURE 22-1:
BLOCK DIAGRAM OF AUDIO DIGITAL-TO-ANALOG (DAC) CONVERTER
FIGURE 22-2:
AUDIO DAC OUTPUT FOR RAMP INPUT (UNSIGNED)
DAC1RDAT
DAC1LDAT
D/A
D/A
CONTROL
CLK DIV
DACDFLT
Amp
Amp
ACLK
Note
1:
If DAC1RDAT and DAC1LDAT are empty, data will be taken from the DACDFLT register.
Note 1
Note 1
DAC1LM
DAC1LP
DAC1LN
DAC1RM
DAC1RP
DAC1RN
Right Channel
Left Channel
DACFDIV<6:0>
0x0000
0xFFFF
DAC input
Count (DAC1RDAT)
VDACM
VDACM
Positive DAC
Output (DAC1RP)
Negative DAC
Output (DAC1RN)
VDACH
VDACL
VDACL
VDACH
Note: VOD+ = VDACH – VDACL, VOD- = VDACL – VDACH; refer to Audio DAC Module Specifications, Table 30-42, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com