Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 368 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 368 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 364Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 365Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 366Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 367Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 368Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 369Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 370Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 371Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 372Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 368
Preliminary
 2009 Microchip Technology Inc.
31.1
High Temperature DC Characteristics
TABLE 31-1:
OPERATING MIPS VS. VOLTAGE
TABLE 31-2:
THERMAL OPERATING CONDITIONS
TABLE 31-3:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
TABLE 31-4:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
Characteristic
VDD Range
(in Volts)
Temperature Range
(in °C)
Max MIPS
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04, and
dsPIC33FJ128GPX02/X04
3.0V to 3.6V
-40°C to +140°C
20
Rating
Symbol
Min
Typ
Max
Unit
High Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+145
°C
Operating Ambient Temperature Range
TA
-40
—
+140
°C
Power Dissipation:
Internal chip power dissipation:
PINT = VDD x (IDD -
 IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
I/O =
 ({VDD - VOH} x IOH) +  (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ - TA)/
JA
W
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Parameter
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Operating Voltage
HDC10
Supply Voltage
VDD
—
3.0
3.3
3.6
V
-40°C to +140°C
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Parameter
No.
Typical
Max
Units
Conditions
Power-Down Current (IPD)
HDC60e
250
2000
A
+140°C
3.3V
Base Power-Down Current(1,3)
HDC61c
3
5
A
+140°C
3.3V
Watchdog Timer Current:
IWDT(2,4)
Note 1:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and
pulled to VSS. WDT, etc., are all switched off, and VREGS (RCON<8>) = 1.
2:
The
 current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.
3:
These currents are measured on the device containing the most memory in this family.
4:
These parameters are characterized, but are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com