Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 370 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 370 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 366Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 367Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 368Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 369Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 370Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 371Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 372Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 373Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 370
Preliminary
 2009 Microchip Technology Inc.
31.2
AC Characteristics and Timing
Parameters
The information contained in this section defines
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and dsPIC33FJ128GPX02/X04 AC characteristics and
timing parameters for high temperature devices.
However, all AC timing specifications in this section are
the
same
as
those
in
Section 30.2
“AC
Characteristics and Timing Parameters”, with the
exception of the parameters listed in this section.
Parameters in this section begin with an H, which
denotes High temperature. For example, parameter
OS53 in Section 30.2 “AC Characteristics and
Timing Parameters” is the Industrial and Extended
temperature equivalent of HOS53.
TABLE 31-8:
TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
FIGURE 31-1:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
TABLE 31-9:
PLL CLOCK TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Operating voltage VDD range as described in Table 31-1.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL = 464
CL = 50 pF for all pins except OSC2
15 pF for OSC2 output
Load Condition 1 – for all pins except OSC2
Load Condition 2 – for OSC2
AC
CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
HOS53
DCLK
CLKO Stability (Jitter)(1)
-5
0.5
5
%
Measured over 100 ms
period
Note 1:
These parameters are characterized, but are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com