Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/MM Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/MM Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC33FJ32GP202TH/MM Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32GP202TH/MM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 3
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04, AND
dsPIC33FJ128GPX02/X04
Operating Range:
• Up to 40 MIPS operation (at 3.0-3.6V):
- Industrial temperature range (-40°C to +85°C)
- Extended temperature range (-40°C to +125°C)
• Up to 20 MIPS operation (at 3.0-3.6V):
- High temperature range (-40°C to +140°C)
High-Performance DSC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set
• 16-bit wide data path
• 24-bit wide instructions
• Linear program memory addressing up to 4M
instruction words
• Linear data memory addressing up to 64 Kbytes
• 83 base instructions: mostly 1 word/1 cycle
• Two 40-bit accumulators with rounding and
saturation options
• Flexible and powerful addressing modes:
-Indirect
- Modulo
- Bit-Reversed
• Software stack
• 16 x 16 fractional/integer multiply operations
• 32/16 and 16/16 divide operations
• Single-cycle multiply and accumulate:
- Accumulator write back for DSP operations
- Dual data fetch
• Up to ±16-bit shifts for up to 40-bit data
Direct Memory Access (DMA):
• 8-channel hardware DMA
• Up to 2 Kbytes dual ported DMA buffer area (DMA
RAM) to store data transferred via DMA:
-
Allows data transfer between RAM and a
peripheral while CPU is executing code (no
cycle stealing)
• Most peripherals support DMA
Timers/Capture/Compare/PWM:
• Timer/Counters, up to five 16-bit timers:
- Can pair up to make two 32-bit timers
- One timer runs as a Real-Time Clock with an
external 32.768 kHz oscillator
- Programmable prescaler
• Input Capture (up to four channels):
- Capture on up, down or both edges
- 16-bit capture input functions
- 4-deep FIFO on each capture
• Output Compare (up to four channels):
- Single or Dual 16-bit Compare mode
- 16-bit Glitchless PWM mode
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
Interrupt Controller:
• 5-cycle latency
• Up to 49 available interrupt sources
• Up to three external interrupts
• Seven programmable priority levels
• Five processor exceptions
Digital I/O:
• Peripheral pin Select functionality
• Up to 35 programmable digital I/O pins
• Wake-up/Interrupt-on-Change for up to 31 pins
• Output pins can drive from 3.0V to 3.6V
• Up to 5V output with open drain configuration
• All digital input pins are 5V tolerant
• 4 mA sink on all I/O pins
On-Chip Flash and SRAM:
• Flash program memory (up to 128 Kbytes)
• Data SRAM (up to 16 Kbytes)
• Boot, Secure and General Security for program
Flash
High-Performance, 16-Bit Digital Signal Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com