Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC653AFVUA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC653AFVUA
Description  Integrated Temperature Sensor & Brushless DC Fan Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC653AFVUA Datasheet(HTML) 2 Page - Microchip Technology

  TC653AFVUA Datasheet HTML 1Page - Microchip Technology TC653AFVUA Datasheet HTML 2Page - Microchip Technology TC653AFVUA Datasheet HTML 3Page - Microchip Technology TC653AFVUA Datasheet HTML 4Page - Microchip Technology TC653AFVUA Datasheet HTML 5Page - Microchip Technology TC653AFVUA Datasheet HTML 6Page - Microchip Technology TC653AFVUA Datasheet HTML 7Page - Microchip Technology TC653AFVUA Datasheet HTML 8Page - Microchip Technology TC653AFVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC652/TC653
DS21453B-page 2
© 2002 Microchip Technology Inc.
Typical Application Diagram
1
8
2
7
3
6
4
5
FAULT
VDD
PWM
GND
TOVER
SENSE
RSENSE
FanSense™
GND
GND
+5V VDD
+12V
TC652
TC653
SHDN
2
Ω
1k
0.01µF
CSENSE
µController
DC Fan
300mA
Max.
SHDN Control
Over-Temp
Alert
Fan Fault Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com