Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS08D-T112 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BS08D-T112
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08D-T112 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BS08D-T112 Datasheet HTML 1Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 2Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 3Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
2
BS08D-T112
Silicon Bilateral Switch
2/11 Rev. 1
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
BS08D-T112
Units
DC Forward Anode Current
IT
175
mA
Repetitive Peak Forward Current
—
1.0
Amperes
(1% Duty Cycle, 10 µs Pulsewidth), Ta = 100°C
Non-repetitive Peak Forward Current (10 µs Pulsewidth)
—
2.0
Amperes
Power Dissipation
PT
450
mW
DC Gate Current
IG
5
mA
Storage Temperature
Tstg
-55 to 125
°C
Operating Temperature
Tj
-55 to 125
°C
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Switching Voltage
VS
Ta = 25°C
7
8
9
Volts
Switching Current
IS
Ta = 25°C
—
—
200
µA
Absolute Switching Voltage Difference
|VS1 -VS2|
Ta = 25°C
—
—
0.5
Volts
Absolute Switching Current Difference
|IS1 -IS2|
Ta = 25°C
—
—
100
µA
Holding Current
IH
Ta = 25°C
—
—
1.5
mA
Off-state Current
ID
VD = 5V, Ta = 25°C
—
—
1.0
µA
VD = 5V, Ta = 85°C
—
—
10
µA
Temperature Coefficient of Switching Voltage
—
Ta = -55 to 85°C
—
±0.01
—
%/°C
Peak On-state Voltage
VT
IT = 175mA, Ta = 25°C
—
—
1.4
Volts
Gate Trigger Current
IGT
VD = 5V, Ta = 25°C
10
—
200
µA
Gate Non-trigger Voltage
VGD
VD = 5V, Ta = 85°C
0.2
—
—
Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com