Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEMO9S08MP16 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DEMO9S08MP16
Description  DEMO9S08MP16 User Manual
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9S08MP16 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DEMO9S08MP16 Datasheet HTML 3Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 4Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 5Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 6Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 7Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 8Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 9Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 10Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DEMO9S08MP16 User Manual
3
•
User Features:
•
Opto-coupler isolated RS232 physical interface and DB9
connector w/Enable
•
6 LEDs driven by logic inverter 74AC04
•
4 User LED’s w/ Enable
•
4 User Push Buttons w/ Enable
•
1 Piezo Buzzer w/ Enable
•
1 temperature sensor connected to differential signals w/Enable
•
1 I/O signal slide switch
•
IIC Pullups w/ Enable
•
15K Ohm multi-turn POT w/ Enable
•
Specifications:
•
Board Size 3.5 x 4.0
•
Power Input:
•
USB Cable: 5VDC, 500mA max
•
DC Power Jack: 2.1/5.5mm barrel connector, 6VDC to Center
Positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com