Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC0351M Datasheet(PDF) 2 Page - CUI INC

Part # GC0351M
Description  LOW PROFILE NOTEBOOK SPEAKER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GC0351M Datasheet(HTML) 2 Page - CUI INC

  GC0351M Datasheet HTML 1Page - CUI INC GC0351M Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
RoHS
0.2
(TYP)
0.2
0.2
12.0
16.0
35.0
0.2
31.0 (TYP)
2.0
(4 PLCS)
SCALE:
LOW PROFILE NOTEBOOK SPEAKER
COPYRIGHT 2007 BY CUI INC.
TITLE:
MM [INCHES]
ZRJ
GC0351M
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
3:1
GC0351M
REV:
SPECIFIED
TOLERANCE:
±0.5mm UNLESS OTHERWISE
A
REV.
DESCRIPTION
DATE
A
NEW DRAWING
6/4/2007
14.0
0.2
5.0
2.5
3.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com