Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-257K Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-257K
Description  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-257K Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-257K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-257K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
Multiple Channel Devices Available
Truth Table
(Positive Logic)
Input
Output
On (H)
L
Off (L)
H
V CC
GND
V O
V B
Each channel contains a GaAsP light emitting diode which
is optically coupled to an integrated photon detector.
Separate connections for the photodiodes and output
transistor collectors improve the speed up to a hundred
times that of a conventional phototransistor optocoupler
by reducing the base-collector capacitance.
These devices are suitable for wide bandwidth analog
applications, as well as for interfacing TTL to LSTTL or
CMOS. Current Transfer Ratio (CTR) is 9% minimum at IF
= 16 mA. The 18 V VCC capability will enable the designer
to interface any TTL family to CMOS. The availability of
the base lead allows optimized gain/ bandwidth adjust-
ment in analog applications. The shallow depth of the
IC photodiode provides better radiation immunity than
conventional phototransistor couplers.
These products are also available with the transistor base
node not connected to improve common mode noise
immunity and ESD susceptibility. In addition, higher CTR
minimums are available by special request.
Package styles for these parts are 8 and 16 pin DIP through
hole (case outlines P and E respectively), 16 pin DIP flat
pack (case outline F), and leadless ceramic chip carrier
(case outline 2). Devices may be purchased with a variety
of lead bend and plating options, see Selection GuideTable
for details. Standard Microcircuit Drawing (SMD) parts are
available for each package and lead style.
Because the same functional die (emitters and detectors)
are used for each channel of each device listed in this
data sheet, absolute maximum ratings, recommended
operating conditions, electrical specifications, and perfor-
mance characteristics shown in the figures are identical
for all parts. Occasional exceptions exist due to package
variations and limitations and are as noted. Additionally,
the same package assembly processes and materials are
used in all devices. These similarities give justification for
the use of data obtained from one part to represent other
part’s performance for die related reliability and certain
limited radiation test results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com