Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1063D Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # AN1063D
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1063D Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button AN1063D Datasheet HTML 17Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 18Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 19Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 20Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 21Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 22Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 23Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 24Page - Freescale Semiconductor, Inc AN1063D Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev.1.0
xx
MC68340 USER'S MANUAL
MOTOROLA
LIST OF ILLUSTRATIONS (Continued)
Figure
Page
Number
Title
Number
9-3
Output Latch Cell (O.Latch)...................................................................................9-7
9-4
Input Pin Cell (I.Pin)................................................................................................9-7
9-5
Active-High Output Control Cell (IO.Ctl1)...........................................................9-8
9-6
Active-Low Output Control Cell (IO.Ctl0)............................................................9-8
9-7
Bidirectional Data Cell (IO.Cell)...........................................................................9-9
9-8
General Arrangement for Bidirectional Pins......................................................9-9
9-9
Bypass Register ......................................................................................................9-11
10-1
Minimum System Configuration Block Diagram.............................................10-1
10-2
Sample Crystal Circuit.........................................................................................10-2
10-3
Statek Corporation Crystal Circuit.....................................................................10-2
10-4
XFC and VCCSYN Capacitor Connections........................................................10-3
10-5
SRAM Interface .....................................................................................................10-3
10-6
ROM Interface........................................................................................................10-4
10-7
Serial Interface......................................................................................................10-5
10-8
External Circuitry for 8-Bit Boot ROM ................................................................10-5
10-9
8-Bit Boot ROM Timing.........................................................................................10-6
10-10 Access Time Computation Diagram..................................................................10-6
10-11 Signal Relationships to CLKOUT ......................................................................10-7
10-12 Signal Width Specifications................................................................................10-8
10-13 Skew between Two Outputs...............................................................................10-9
10-14 Circuitry for Interfacing 8-Bit Device to 16-Bit Memory in
Single-Address DMA Mode..............................................................................10-10
10-15 MC68340 Current vs. Activity at 5 V..................................................................10-11
10-16 MC68340 Current vs. Voltage/Temperature....................................................10-12
10-17 MC68340 Current vs. Clock Frequency at 5 V................................................10-12
11-1
Drive Levels and Test Points for AC Specifications.......................................11-4
11-2
Read Cycle Timing Diagram...............................................................................11-11
11-3
Write Cycle Timing Diagram...............................................................................11-12
11-4
Fast Termination Read Cycle Timing Diagram ...............................................11-13
11-5
Fast Termination Write Cycle Timing Diagram................................................11-14
11-6
Bus Arbitation Timing—Active Bus Case .........................................................11-15
11-7
Bus Arbitration Timing—Idle Bus Case ............................................................11-16
11-8
Show Cycle Timing Diagram..............................................................................11-16
11-9
IACK Cycle Timing Diagram...............................................................................11-17
11-10 Background Debug Mode Serial Port Timing .................................................11-18
11-11 Background Debug Mode FREEZE Timing .....................................................11-18
11-12 DMA Signal Timing Diagram..............................................................................11-19
11-13 Timer Module Clock Signal Timing Diagram ..................................................11-20
11-14 Timer Module Signal Timing Diagram..............................................................11-21
11-15 Serial Module General Timing Diagram ..........................................................11-22
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com