Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548CVTAQGD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8548CVTAQGD
Description  MPC8548E PowerQUICC??III Processor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CVTAQGD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8548CVTAQGD Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548CVTAQGD Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
The MPC8548E networking/telecom processor
features an embedded e500 core, targeting
up to a 1.5 GHz core operation, an integrated
security engine, 64-bit DDR/ DDR2 controller
scaling up to 667 MHz data rate, dual 32-bit
PCI or 64-bit PCI-X, 4-bit serial RapidIO®
fabric technology and 4-bit PCI Express®
(or single 8-bit PCI Express 1.0a), local bus
I/O interfaces and four Gigabit Ethernet
interfaces. The combination of these features
makes this device an optimal communications
processing solution for Ethernet-only or
RapidIO interworking applications, such as
enterprise networking, telecom transmission
and switching and 3G wireless base stations.
The security engine includes Kasumi
algorithm acceleration, making the MPC8548E
an ideal choice for enhancing security
protocol processing in 2.5G and 3G wireless
network infrastructure. This device’s
integrated security also includes XOR
acceleration, which enhances system
performance by offloading the compute-
intensive parity check in small-medium
business enterprise and redundant array
of inexpensive disk storage applications.
The MPC8548E device is the first
integrated communications processor to
comply with the Serial RapidIO interconnect
specification, Revision 1.2, from the RapidIO
Trade Association. The RapidIO serial fabric
interface is ideal for connecting MPC8548
processors and peripherals in high-performance
distributed systems. Examples include control
plane processing, protocol processing and
other compute-intensive applications requiring
high-speed, peer-level communications with
a low pin count, such as those found in
AdvancedTCA® platforms.
The PowerQUICC™ III RapidIO ecosystem
is more than 50 members strong and
includes industry-leading embedded
vendors who provide host processors,
DSPs, communications processors,
backplane interfaces, switches, systems,
tools, operating systems and services.
The 90 nm PowerQUICC III family includes
the MPC8548E, MPC8547E, MPC8545E
and MPC8543E.
The MPC8547 is targeted toward storage
markets, the MPC8545 includes features
for printing and imaging markets and the
MPC8543 is targeted at general purpose
data plane processing requirements—
rounding out the product family.
e500 core
512 KB
L2 Cache
32 KB
D-Cache
32 KB
I-Cache
XOR
Acceleration
Local Bus
OpenPIC
Security
Acceleration
Coherency
Module
64-bit DDR/
DDR2 SDRAM
Controller
Perf Mon
Duart
2x I2C
Timers
Gigabit
Ethernet
32-bit
PCI
MPC8548/E Block Diagram
Integrated Communications Processors
MPC8548E PowerQUICC™ III Processor Family


Similar Part No. - MPC8548CVTAQGD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548CVTAQG FREESCALE-MPC8548CVTAQG Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548CVTAQGA FREESCALE-MPC8548CVTAQGA Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548CVTAQGB FREESCALE-MPC8548CVTAQGB Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548CVTAQGD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_12 Datasheet
849Kb / 151P
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8548EEC NXP-MPC8548EEC Datasheet
1Mb / 151P
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com