Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-C3E3 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C3E3
Description  0.36 Single Digit PCB Based LED Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C3E3 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C3E3 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3E3 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Applications
The HEDS-9700 provides sophisticated motion detection
at a low cost, making closed-loop control very cost-com-
petitive! Typical applications include printers, plotters,
copiers, and office automation equipment.
Note: Avago Technologies encoders are not recom-
mended for use in safety critical applications. Eg. ABS
braking systems, power steering, life support systems
and critical care medical equipment. Please contact
sales representative if more clarification is needed.
Theory of Operation
The HEDS-9700 is a C-shaped emitter/detector module.
Coupled with a codewheel, it translates rotary motion
into a two-channel digital output. Coupled with a
codestrip, it translates linear motion into a digital
output.
As seen in the block diagram, the module contains a
single Light Emitting Diode (LED) as its light source. The
light is collimated into a parallel beam by means of a
single lens located directly over the LED. Opposite the
emitter is the integrated detector circuit. This IC consists
of multiple sets of photodetectors and the signal
processing circuitry necessary to produce the digital
waveforms.
The codewheel/codestrip moves between the emitter
and detector, causing the light beam to be interrupted
by the pattern of spaces and bars on the codewheel/
codestrip. The photodiodes which detect these interrup-
tions are arranged in a pattern that corresponds to the
radius and count density of the codewheel/codestrip.
These detectors are also spaced such that a light period
on one pair of detectors corresponds to a dark period on
the adjacent pair of detectors. The photodiode outputs
are fed through the signal processing circuitry. Two
comparators receive these signals and produce the final
outputs for channels A and B. Due to this integrated
phasing technique, the digital output of channel A is in
quadrature with channel B (90 degrees out of phase).
Block Diagram
RESISTOR
LENS
LED
COMPARATORS
PHOTO-
DIODES
SIGNAL
PROCESSING
CIRCUITRY
+
-
A
2
A
EMITTER SECTION
CODE
WHEEL
DETECTOR SECTION
+
-
B
4
GND
1
VCC
3
B
CHANNEL A
CHANNEL B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com