Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505-10-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S505-10-R
Description  5 x 20mm Time-Delay, Ceramic Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505-10-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S505-10-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505-10-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Characteristics
1.5In
2.1In
2.75In
4In
10In
Min
Max
Min
Max
Min
Max
Min
Max
Amps
min.
min.
ms
s
ms
s
ms
ms
<1A
60
30
250
80s
50
5s
5
150
1A-3.15A
60
30
750
80s
95
5s
10
150
4A-6.3A
60
30
750
80s
150
5s
10
150
8A-12A
30
30
750
80s
150
5s
10
150
Agency Information
• UL Recognized Card: Guide JDYX2, File E19180, JDYX8, File E19180
• CSA Component Acceptance: File 53787
• SEMKO: File 816547, 1119019
• VDE: File 40014091, 40024352, 40023140
• BSI: File KM55676
• IMQ: File CA03.00100 and CA03.00529
• PES+JET: File 1641-31003-1009, 1641-31003-1010,
1641-31003-1011, 1641-31003-1012, 1641-31003-2001,
1641-31003-2002
• CCC: File 2002010207011295, CQC11012061930
• KC-Mark: File SU05011-4012A, SU05011-5004A
Ordering
• Specify packaging code (insert packaging code prefix before part number)
e.g., BK- (or BK1-/TR2-) S505-1-R
• Specify option codes if desired (for axial leads, insert “V” between catalog
series and amp rating) e.g., BK-S505-V-1-R
Dimensions - mm
• Ratings above 6.3A have a maximum
0.81mm diameter lead
• With TR2 packaging code, leadwire
length is 19.05mm
5 x 20mm Time-Delay, Ceramic Tube Fuses
S505 Series
1111 BU-SB11758
Page 1 of 2
Data Sheet 2037
5 x 20mm fuse with
optional axial leads
Description
• Time-delay, high breaking capacity
• Available with optional axial leads
• Ceramic tube, silver-plated endcap construction (500mA-800mA),
nickel-plated brass endcap construction (1-12A)
• Optional sleeve is flexible flouropolymer (UL flammability rating VW-1).
Consult factory for details.
• 5 x 20mm physical size
• Designed to IEC 60127-2 (500mA-10A) & extension 12A
Pb
HALOGEN
HF
FREE
Voltage
Interrupting
Typical DC Cold
Typical
Typical
Agency Information
Product
Rating
Rating at Rated
Resistance
Pre-arching
Voltage
CCC/ PSE/
Code
AC
Voltage (50Hz) AC1
(
Ω)2
I2t (A2s)AC3
Drop (mV)4
IMQ5
VDE SEMKO
cURus CQC5
JET
CSA5
KC5
BSI
S505-500-R
250
1500
0.5070
0.188X
295
X
X
X
X
X
X
X
S505-800-R
250
1500
0.2370
0.632X
189
X
X
X
X
X
X
X
S505-1-R
250
1500
0.1401
1.28
152.5
X
X
X
X
X
X
X
X
X
S505-1.25-R
250
1500
0.1075
2.22
150
X
X
X
X
X
X
X
X
X
S505-1.6-R
250
1500
0.0700
6.78
125
X
X
X
X
X
X
X
X
X
S505-2-R
250
1500
0.0545
9.60
118.5
X
X
X
X
X
X
X
X
X
S505-2.5-R
250
1500
0.0395
16.60
115
X
X
X
X
X
X
X
X
X
S505-3.15-R
250
1500
0.0305
36.60
102.5
X
X
X
X
X
X
X
X
X
S505-4-R
250
1500
0.0185
38.45X
86.5
X
X
X
X
X
X
X
X
X
S505-5-R
250
1500
0.0131
71.30X
77.5
X
X
X
X
X
X
X
X
X
S505-6.3-R
250
1500
0.0102
111X
75
X
X
X
X
X
X
X
X
X
S505-8-R
250
1500
0.0077
228X
73
X
X
X
X
X6
XX
X
X
S505-10-R
250
1500
0.0061
397
72
X
X
X
X
X6
XX
X
X
S505-12-R
250
1000
0.0053
713.7X
77
X
X
1. Interrupting ratings: 500mA to 10A were measured at 70% to 80% PF on AC,12A was measured
at 100% PF on AC.
2. Typical DC Cold Resistance (measured at <10% of rated current).
3. Typical Pre-Arching I
2t (measured at listed interrupting rating and rated voltage if not specified);
With "X" specified, the typical I
2t value is measured at 10 times of rated current under DC.
4. Typical Voltage Drop( Voltage Drop was measured at 20°C ambient temperature at rated current).
5. No room for "CSA" & "KC" on the fuse endcap for Non-V Rev. No room for "IMQ", "CQC' or "KC"
on fuse endcap for -V Rev.
6. CQC only.
Specifications


Similar Part No. - S505-10-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S505-10-R EATON-S505-10-R Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
More results

Similar Description - S505-10-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
S506-2-R COOPER-S506-2-R Datasheet
304Kb / 2P
5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
BK-GMD-200MA COOPER-BK-GMD-200MA Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com