Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-P205 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-P205
Description  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P205 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-P205 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P205 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Selection Guide
Package
Option
Outline
Code
Package Configuration
Drawing
11
Gull Wing Leads, 12 mm Tape on 7 in. Dia. Reel,
Surface Mount
A, H, K, L
1500 Parts per Reel[1]
12
Gull Wing Lead, Bulk Packaging, Quantity of 500 Parts[2]
14
Gull Wing Leads, 12 mm Tape on 13 in. Dia. Reel,
6000 Parts per Reel[1]
21
Yoke Leads, 12 mm Tape on 7 in. Dia. Reel
B, I, K, L
1500 Parts per Reel[1]
22
Yoke Leads, Bulk Packaging, Quantity of 500 Parts[2]
24
Yoke Leads, 12 mm Tape on 13 in. Dia. Reel,
6000 Parts per Reel[1]
31
Z-Bend Leads, 12 mm Tape on 7 in. Dia. Reel
C, J, K, L
1500 Parts per Reel[1]
32
Z-Bend Leads, Bulk Packaging, Quantity of 500 Parts[2]
34
Z-Bend Leads, 12 mm Tape on 13 in. Dia. Reel,
6000 Parts per Reel[1]
1L
2.54 mm (0.100 inch)
Long Leads; 10.4 mm (0.410 in.)
Right Angle Lead
D
1S
Short Leads; 3.7 mm (0.145 in.)
E
2L
5.08 mm (0.200 inch)
Long Leads; 9.2 mm (0.364 in.)
F
2S
Short Leads; 3.7 mm (0.145 in.)
G
Notes:
1. SMT lamps are supplied in 12 mm embossed carrier tape. Minimum order is for one full reel, either 7 inch or 13 inch. All other order quantities
must be in reel increments only. Orders for partial reels are not accepted.
2. Vapor barrier bags are used for bulk packaging.
Center Lead Spacing
Center Lead Spacing
Lead
Configurations
Bends for
Through Hole
Mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com