Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC-7 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # ABC-7
Description  Consumer Aftermarket Product Catalog
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-7 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  ABC-7 Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-7 Datasheet HTML 2Page - Cooper Bussmann, Inc. ABC-7 Datasheet HTML 3Page - Cooper Bussmann, Inc. ABC-7 Datasheet HTML 4Page - Cooper Bussmann, Inc. ABC-7 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*See Price Sheet for all available ratings.
For product information and Data Sheets, visit www.cooperbussmann.com
34
Consumer Aftermarket Catalog
Part No.
Blister
Poly-
Tri-Lingual
(Amps)*
Pack
bag
Blister
AGX-1
AGX-2
AGX-21/2
AGX-3
AGX-5
AGX-7
X
AGX-10
AGX-15
AGX-20
X
X
AGX-30
AGX - 1/4” x 1” Fast-Acting Glass Tube Fuses
Part No.
Blister
Tri-Lingual
(Amps)*
Pack
Blister
AGW-1
AGW-21/2
AGW-3
AGW-4
AGW-5
AGW-6
AGW-71/2
AGW-10
AGW-15
X
X
AGW-20
X
X
AGW-30
AGW - 1/4”x 7/8” Fast-Acting Glass Tube Fuses
Glass & Ceramic Tube Fuses
Part No.
(Amps)*
AGA-1/4
AGA-1
AGA-11/2
AGA-2
AGA-21/2
AGA-3
AGA-5
AGA-6
AGA-15
AGA - 1/4”x 5/8” Fast-Acting Glass Tube Fuses
Automotive
Used in older-model cars, glass tube fuses today are found primarily in
automotive accessory applications. The expansive Cooper Bussmann line of
glass fuses includes many types and sizes in addition to those listed in this
catalog. Call Cooper Bussmann for more product details if you have
requirements which are not covered here.
Appliances and Consumer Electronics
Glass and ceramic tube uses are often used to protect appliances and
consumer electronics. As electronic equipment becomes smaller, the circuits
and components become more delicate and easily damaged. Fuses are the
preferred method of protection due to their accuracy, small size and
reliability. Fuses are available in a wide variety of amp ratings to provide
precise protection. Generally, two sizes of user-replaceable fuses are found:
the 1/4”x 11/4” and 5 x 20mm. Each is available in a variety of volt and amp
ratings.
Fuse Types
There are two basic types of fuses available for appliances and consumer
electronics: fast-acting or time-delay. Any replacement fuse must match the
one it’s replacing. In general, fast-acting fuses are a single strand of wire or
strip of metal. Time-delay fuses usually have a coiled wire, a thick element
wrapped in wire, or a spring. Most electronic fuses will have the voltage and
amp rating stamped on the end cap. The type of fuse can generally be
visually identified. Also, owner’s manuals will have the correct replacement
fuse generically identified. For example: “Use a 2 amp, time-delay, 250 volt
fuse.”
Glass and ceramic tube fuses vary by diameter and length:
• AGU fuses: 13/32”x 11/2”
• ABC, AGC, GBB, MDA, MDL and MDQ fuses: 1/4”x 11/4”
• AGX fuses: 1/4”x 1”
• GBC fuses: 1/4”x 31/32”
• AGW fuses: 1/4”x 7/8"
• AGA fuses: 1/4”x 5/8”
• SFE fuses are 1/4” diameter and change in length as amp ratings increase
• GDA, GDB, GDC, GMA, GMC and GMD fuses: 5 x 20mm
Fuse Selection Criteria
• For electronic/electrical applications, fuse must be rated at 125V or better.
• Voltage must match or exceed the fuse being replaced (125V for
household current; 12V for auto; 24V for heavy duty).
• Fuse must match required fuse characteristic – either fast-acting or
time-delay.
• Amp rating must match that of the original fuse.
A Note on Voltage Rating
All fuses have a voltage rating. To maintain safety, this voltage rating should
not be exceeded in application, although it is acceptable to use a higher
rated fuse in a lower voltage application. For example: A fuse rated for 125
volts is appropriate in household (110V) or automotive (12V), while a fuse
rated for 32 volts is appropriate for automotive (12V), but not for household
(125V). Always replace a fuse with one of the same or higher voltage rating.
See page 4 for technical specifications.
Fast-Acting 1/4” Diameter Fuses
*See Price Sheet
for all available
ratings.
*See Price Sheet for all available ratings.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com