Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1013 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P1013
Description  P1013/P1022 embedded processors with advanced energy management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1013 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P1013 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1013 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Freescale QorIQ communications platforms
are the next-generation evolution of our
leading PowerQUICC communications
processors. The P1022 family of processors,
a Freescale Energy-Efficient product solution,
is designed to deliver complex application
processing performance with exceptional
feature integration and high-speed connectivity
for IP networking and advanced media
processing applications. It combines dual e500
processor cores, built on Power Architecture®
technology, with enhanced system peripherals
and interconnect technology to balance
processor performance with I/O system
throughput. The P1022 processor includes
advanced power and energy management
features that enable developers to design
next-generation embedded Internet media
processing applications with energy
efficiency levels under the environmental and
governmental energy regulatory requirements.
The P1013 single-core processor includes
the same family of system peripherals,
interconnect technology and advanced power
and energy management features.
Highlights
Dual-Core Processing
The pace of technology development, spurred
by the Internet and ubiquitous connectivity,
is putting additional challenges on design
engineers building state-of-the-art embedded
appliances or equipment. The P1022
provides the designer exceptional flexibility
for leveraging symmetric and asymmetric
multiprocessing strategies to reach nearly two
gigahertz equivalent single-core performance
in ultra-low-power envelopes. Equally
important are the robust operating systems
and tool support to streamline designers’
adoption of dual-core processing available on
the P1022 through Freescale and Freescale
partners.
High-Speed Connectivity
Freescale’s P1022 processor is positioned to
offer a wide range of high-speed connectivity
options. The flexibility of the processor is
due to highly integrated speed- and latency-
optimized technology. It is a highly scalable
processor designed to handle complex,
computationally demanding processing tasks
with ease. The P1022 processor includes
virtualized enhanced three-speed Ethernet
with TCP/UDP/IP offload, direct FIFO mode
for ASIC connectivity, SATA for local storage
and support for three PCI Express® interface
options. Moreover, the P1022 processor
features a field-proven, next-generation
memory controller and an optional hardware
acceleration engine for encryption protocols
and RAID processing.
QorIQ Communications Platforms
P1 Series
P1013/P1022 embedded processors with
advanced energy management
QorIQ P1022 and P1013 Block Diagram
32 KB
L1 I-Cache
Power Architecture®
e500 Core
32 KB
L1 D-Cache
256 KB
L2 Cache
32 KB
L1 I-Cache
Power Architecture
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM Controller
Not on P1013
Coherency Module
System Bus
2-ch. DMA Controller
2-ch. DMA Controller
3 x PCI Express®
On-Chip Network
On-Chip Network
4-lane SerDes
(PCI Express/
SGMII)
Security
Acceleration
XOR
Advanced
Power
Management
DUART, 2 x I2C, Timers,
Interrupt Control,
SD/MMC, SPI,
2 x USB 2.0/ULPI, MPIC
2 x
Gigabit
Ethernet
RGMII
x2 SerDes
(PCI Express/
SATA/SGMII)
Enhanced Local Bus
Controller (eLBC)
Cores
2 x
SATA
LCD
(DIU)
TDM/
I2S


Similar Part No. - P1013

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1013 FREESCALE-P1013 Datasheet
288Kb / 2P
Embedded processors with advanced energy management
logo
ON Semiconductor
P1013AP ONSEMI-P1013AP Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
P1013AP06 ONSEMI-P1013AP06 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
P1013AP10 ONSEMI-P1013AP10 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
P1013AP13 ONSEMI-P1013AP13 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - P1013

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
Power Management Unit for Advanced Application Processors
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
logo
National Semiconductor ...
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
logo
Freescale Semiconductor...
P1013 FREESCALE-P1013 Datasheet
288Kb / 2P
Embedded processors with advanced energy management
logo
Texas Instruments
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com