Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5020 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P5020
Description  QorIQ P5020/P5010 Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P5020 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P5020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P5020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
e5500 Core
The P5020 is based on the 64-bit e5500 Power
Architecture® core. The e5500 core uses a
seven-stage pipeline for low latency response to
unpredictable code execution paths, boosting its
single-threaded performance. Key features:
• Supports up to 2.0 GHz core frequencies
• Tightly-coupled low latency cache hierarchy:
32 KB I/D (L1), 512 KB L2 per core
• Up to 2 MB of shared platform cache (L3)
• 3.0 DMIPS/MHz per core
• Up to 64 GB of addressable memory space
• Hybrid 32-bit mode to support legacy software
and seamless transition to 64-bit architecture
Virtualization
The P5020 includes support for hardware-
assisted virtualization. The e5500 core offers
an extra core privilege level (hypervisor).
Virtualization software for the P5 family includes
kernel-based virtual machine (KVM), Linux®
containers, Freescale hypervisor and commercial
virtualization software from Green Hills® Software
and Enea®.
QorIQ Communications Platforms
QorIQ
P5020/P5010 Processors
Overview
The QorIQ P5 family delivers scalable 64-bit processing with single-, dual- and
quad-core devices. With frequencies scaling up to 2.0 GHz, a tightly coupled cache
hierarchy for low latency and integrated hardware acceleration, the P5020 (dual-core)
and P5010 (single-core) devices are ideally suited for compute intensive, power-
conscious control plane applications.
Target Markets and Applications
The P5020 is designed for high-
performance, power-constrained control
plane applications and provides an
ideal combination of core performance,
integrated accelerators and advanced I/O
required for the following compute-intensive
applications:
• Enterprise equipment: Router, switch,
services
• Data center: Server appliance, SAN
storage controller, iSCSI controller,
FCoE bridging
• Aerospace and defense
• Industrial computing: Single-board
computers, test/measurement, robotics
QorIQ P5020/P5010 Processors
Accelerators and Memory Control
Networking Elements
Core Complex (CPU, L2 and Frontside CoreNet Platform Cache)
Basic Peripherals and Interconnect
Real-Time Debug
10 GE
Parse, Classify,
Distribute
Security Fuse Processor
Security Monitor
2x USB 2.0
eSDHC
Queue
Mgr.
Buffer
Mgr.
Pattern
Match
Engine
2.0
Security
4.0
Frame Manager
Serial
RapidIO®
Mgr.
RAID
5/6
Engine
1GE 1GE
1GE 1GE
1GE
eLBC
SD/MMC
2x DUART
2x I2C
SPI, GPIO
SRIO
PCIe/
SRIO
PCIe PCIe
RapidIO
Message
Unit
2x DMA
PCIe
Watchpoint
Cross
Trigger
Perf.
Monitor
CoreNet
Trace
Aurora
Peripheral Access
Management Unit
SATA
2.0
SATA
2.0
PAMU
PAMU
PAMU
PAMU
18-Lane 5 GHz SerDes
CoreNet Coherency Fabric
Power Architecture®
e5500 Core
512 KB
Backside
L2 Cache
32 KB
D-Cache
32 KB
I-Cache
1024 KB
Frontside CoreNet
Platform Cache
64-bit
DDR2/3
Memory Controller
1024 KB
Frontside CoreNet
Platform Cache
64-bit
DDR2/3
Memory Controller
*Only Available on P5020
*Only Available on P5020
QorIQ P5020/P5010 Processors
P5 Family Comparison Chart
P5020/P5010
P5040/P5021
CPU cores
2x 64-bit e5500, 1x (P5010)
4x 64-bit e5500, 2x (P5021)
Threads
2/1 (single thread per core)
4/2 (single thread per core)
Max core frequency 1.6 to 2.0 GHz
1.8 to 2.4 GHz
L2
512 KB per core
512 KB per core
L3/Platform
2 MB (P5020)/1 MB (P5010)
2 MB (both P5040 and P5021)
DDR I/F
2x 64-bit DDR3 (up to 1333 MT/s)
1x 64-bit DDR3 (P5010)
2x 64-bit DDR3 (up to 1600 MT/s)
PCI Express®
4x PCIe v2.0
3x PCIe v2.0 (incl. 1 x 8)
GbE, 10 GbE
5x 1 GbE, 1x 10 GbE
10x 1 GbE, 2x 10 GbE
SRIO
2x SRIO v2.1
(supports Type 9 and 11 messaging)
N/A
SerDes lanes
18 lanes
20 lanes
Package
1295-pin 37.5 x 37.5 mm FC-PBGA
1295-pin 37.5 x 37.5 mm FC-PBGA


Similar Part No. - P5020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P5020 FREESCALE-P5020 Datasheet
112Kb / 2P
P5020/P5010 Processors
logo
Tripp Lite. All Rights ...
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502003 TRIPPLITE-P502003 Datasheet
491Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 3-ft
P502003RA TRIPPLITE-P502003RA Datasheet
496Kb / 2P
VGA Coax Right-Angle Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 3-ft
P502003SM TRIPPLITE-P502003SM Datasheet
494Kb / 2P
Low-Profile VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 3-ft
More results

Similar Description - P5020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2020NSE2MHC FREESCALE-P2020NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NXN2KFC FREESCALE-P2020NXN2KFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NXE2KFC FREESCALE-P2020NXE2KFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2010NXN2KFC FREESCALE-P2010NXN2KFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020PSE2HFC FREESCALE-P2020PSE2HFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2010NSN2MHC FREESCALE-P2010NSN2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NSE2MFC FREESCALE-P2020NSE2MFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2010NSE2MHC FREESCALE-P2010NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P5010NXN1QMB FREESCALE-P5010NXN1QMB Datasheet
112Kb / 2P
P5020/P5010 Processors
logo
NXP Semiconductors
LS1026A NXP-LS1026A Datasheet
204Kb / 2P
QorIQ LS1046A and LS1026A Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com