Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2200 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AP2200
Description  Step-up DC/DC converter IC supporting 1 or 2 solar cells
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AP2200 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
[ AP2200]
MS1462-E-00
2
BLOCK DIAGRAM
S e t o u t p u t v o l t a g e to 4 V
PIN LAYOUT
SW
L
Solar cell
0.4V~0.8V
(1 cell
400mW)
VIN
PG
10uF
VCP
0.01uF
VOUT
REF
LDO
OSC
Logic
TEST1
TEST2
GND
10uF
1uF
VREG
STBY
Pre-
Driver
LC
SEL
VB
MCU
VIN
Monitor
Load
Control
4V±1.5%
VOUT
Monitor
Start Up
LC
C1
0.1uF
When connected to battery
To other equipment
SW
L
Solar cell
0.4V~0.8V
(1 cell
400mW)
VIN
PG
10uF
VCP
0.01uF
VOUT
REF
LDO
OSC
Logic
TEST1
TEST2
GND
10uF
1uF
VREG
STBY
Pre-
Driver
LC
SEL
VB
MCU
VIN
Monitor
Load
Control
4V±1.5%
VOUT
Monitor
Start Up
LC
C1
0.1uF
When connected to battery
To other equipment
1
2
3
4
12
11
10
9
13
14
15
16
8
7
6
5
16 PIN
3 x 3 mm QFN
VCP
VIN
STBY
TEST2
LC
VB
PG
PG
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com