Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01 Datasheet(PDF) 21 Page - ON Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C01 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button CAT24C01 Datasheet HTML 13Page - ON Semiconductor CAT24C01 Datasheet HTML 14Page - ON Semiconductor CAT24C01 Datasheet HTML 15Page - ON Semiconductor CAT24C01 Datasheet HTML 16Page - ON Semiconductor CAT24C01 Datasheet HTML 17Page - ON Semiconductor CAT24C01 Datasheet HTML 18Page - ON Semiconductor CAT24C01 Datasheet HTML 19Page - ON Semiconductor CAT24C01 Datasheet HTML 20Page - ON Semiconductor CAT24C01 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
http://onsemi.com
21
CAT24C16 Ordering Information
Device Order Number
Specific
Device Marking
Package
Type
Temperature
Range (Note 13)
Lead
Finish
Shipping
CAT24C16WI−G
24C16K
SOIC−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C16WI−GT3
24C16K
SOIC−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16WE−GT3
24C16K
SOIC−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16YI−G
C16K
TSSOP−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C16YI−GT3
C16K
TSSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16YE−GT3
C16
TSSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16VP2I−GT3*
C4T
TDFN−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16VP2E−GT3*
C4T
TDFN−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16LI−G
24C16K
PDIP−8
Industrial
NiPdAu
Tube, 50 Units / Tube
CAT24C16LE−G
24C16K
PDIP−8
Extended
NiPdAu
Tube, 50 Units / Tube
CAT24C16ZI−GT3
C4
MSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16ZE−GT3
C4
MSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16C4ATR
6
WLCSP−4
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C16C5ATR
6
WLCSP−5
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C16TDI−GT3
C4
TSOT−23−5
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16TDE−GT3
C4
TSOT−23−5
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16HU4I−GT3
C4U
UDFN8−EP
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
13.Industrial temperature range is −40°C to +85°C and Extended temperature range is −40°C to +125°C.
14.All packages are RoHS−compliant (Lead−free, Halogen−free).
15.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
16.For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com
* The TDFN (VP2) package is not recommended for new designs.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
CAT24C01/D
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com