Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3604 Datasheet HTML 1Page - ON Semiconductor CAT3604 Datasheet HTML 2Page - ON Semiconductor CAT3604 Datasheet HTML 3Page - ON Semiconductor CAT3604 Datasheet HTML 4Page - ON Semiconductor CAT3604 Datasheet HTML 5Page - ON Semiconductor CAT3604 Datasheet HTML 6Page - ON Semiconductor CAT3604 Datasheet HTML 7Page - ON Semiconductor CAT3604 Datasheet HTML 8Page - ON Semiconductor CAT3604 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 1
1
Publication Order Number:
CAT3604/D
CAT3604
4-Channel Regulated
Charge Pump White LED
Driver
Description
The CAT3604 is a charge pump operating in either 1x (LDO) mode
or 1.5x fractional mode regulating current through each of the 4 LED
pins. Operation at a fixed high frequency of 1 MHz typical allows the
use of very small value ceramic capacitors.
The CAT3604 drives white light-emitting diodes (LEDs) connected
in parallel and provides tightly matched regulated current to achieve
uniformity of brightness in LCD backlighting applications. An
external resistor RSET controls the output current level. LED currents
of up to 30 mA are supported over a range of input supply voltages
from 3 V to 5.5 V, making the device ideal for battery-powered
applications.
LED dimming can be accomplished by several methods including
using a DC voltage to set the RSET pin current, applying a PWM
signal on the Control signals, or adding a switched resistor in parallel
with RSET. The Enable input pin allows the device to be placed in
power-down mode with “zero” quiescent current.
The CAT3604 features short circuit and overcurrent limiting
protection. The device is available in a 16−pad TQFN package with a
max height of 0.8 mm.
Features
• Drives Individually up to 4 LEDs
• Output Current up to 30 mA per LED
• Digital Control On/Off of Each LED
• Compatible with Supply Voltage of 3 V to 5.5 V
• Power Efficiency up to 93%
• 2 Modes of Operation 1x and 1.5x
• Automatic Short Circuit Detect/Disable
• High−frequency Operation at 1 MHz
• Low Value Ceramic Capacitors
• “604” Compatible Pinout
• Soft Start and Current Limiting
• TQFN 16−pad Package, 4 x 4 mm, 0.8 mm Max Height
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• Color LCD and Keypad Backlighting
• Cellular Phones
• Handheld Devices
• Digital Cameras
• PDAs
• Portable MP3 Players
http://onsemi.com
TQFN−16
HV4 SUFFIX
CASE 510AE
PIN CONNECTIONS (Note 1)
G364
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
CAT3604HV4−T2
TQFN−16
(Note 2)
2,000/
Tape & Reel
G364 = CAT3604HV4−T2
CDBA = CAT3604HV4−GT2
1. The package exposed pad is electrically connec-
ted inside the package to GND and to pin 12.
2. Matte−Tin Plated Finish (RoHS−compliant).
3. NiPdAu Plated Finish (RoHS−compliant).
GND
C2+
C2−
C1−
EN
CTR0
CTR1
CTR2
1
(4 x 4 mm) (Top View)
CDBA
CAT3604HV4−GT2
TQFN−16
(Note 3)
GND


Similar Part No. - CAT3604

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
CAT3604 CATALYST-CAT3604 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
411Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Catalyst Semiconductor
CAT3604-A CATALYST-CAT3604-A Datasheet
867Kb / 28P
Catalyst Semiconductor
More results

Similar Description - CAT3604

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
4-Channel Regulated Charge Pump White LED Driver
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com