Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCMS-2819 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2819
Description  High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2819 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2819 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2819 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Figure 1. HCMS-2819 package dimension
Package Dimensions
Device Selection Guide
Description
8 Digit 0.15” Character Height
HCMS-2819
Absolute Maximum Ratings
Logic Supply Voltage, VLOGIC to GNDLOGIC
-0.3V to 7.0V
LED Supply Voltage, VLED to GNDLED
-0.3V to 5.5V
Input Voltage, Any Pin to GND
-0.3V to VLOGIC +0.3V
Free Air Operating Temperature Range TA
-40
qC to +85qC
Relative Humidity (non-condensing)
85%
Storage Temperature, TS
-55
qC to 100qC
Maximum Solder Temperature
Solder Dipping
Wave Soldering
260
qC for 5 sec
250
qC for 3 sec
ESD Protection @ 1.5 k
:, 100pF (each pin)
Class 1, 0-1999V
TOTAL Package Power Dissipation at TA=25°C
2.4 W
Notes:
For operation in high ambient temperatures, see Appendix A, Thermal Considerations.
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
35.56 (1.400) MAX.
7
6
5
4
3
2
1
0
0.25
(0.010)
7.62
(0.300)
PIN # 1 IDENTIFIER
XZ
COO
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.08 (0.200)
2.54
(0.100) SYM.
0.51
(0.020)
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.22 (0.087) SYM.
10.16 (0.400) MAX.
2.11 (0.083) TYP.
4.32
(0.170)TYP.
1.27
(0.050)SYM.
4.45
(0.175) TYP.
3.71
(0.146) TYP.
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
PIN FUNCTION
ASSIGNMENT TABLE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN # FUNCTION
3
26
HCMS-281X
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com