Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS-1201TB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CJS-1201TB
Description  SLIDE SWITCHES(SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CJS-1201TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CJS-1201TB Datasheet HTML 1Page - List of Unclassifed Manufacturers CJS-1201TB Datasheet HTML 2Page - List of Unclassifed Manufacturers CJS-1201TB Datasheet HTML 3Page - List of Unclassifed Manufacturers CJS-1201TB Datasheet HTML 4Page - List of Unclassifed Manufacturers CJS-1201TB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
CJS
SLIDE SWITCHES (SMD)
※Please refer to the LIST OF PART NUMBERS when placing orders.
● RoHS compliant
● Easy to set slider with line marking
● With neutral detent type lined up to 1 pole 2contacts
switch
● Compatible with most automatic pick & place machinery
● Compact and space saving SMD type
FEATURES
INTERNAL STRUCTURE
Part name
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL-94V-0
PPS(Polyphenylenesulphide)
PA(Polyamide)
PPS(Polyphenylenesulphide)
Copper alloy, Gold-plated
PART NUMBER DESIGNATION
C J S - 1 2 0 1 T B 1
Series name
No. of poles
11 pole (SPDT)
SPDT : Single Pole Double Throw
No. of contacts
22 contacts
Setting position
0Top setting
Neutral detent
0Without neutral detent
1With neutral detent
Structure
1
Non-washable type (Without seal tape)
Standard type
2
Non-washable type (With seal tape)
Blank : Washable type (With seal tape)
Shape of terminal
AJ-hook
BGull wing
Form of packaging
TTaping (Reel)
BlankBulk in plastic bag
RoHS compliant


Similar Part No. - CJS-1201TB

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS-1201TB COPAL-CJS-1201TB Datasheet
947Kb / 5P
SLIDE SWITCHES (SMD)
CJS-1201TB1 COPAL-CJS-1201TB1 Datasheet
947Kb / 5P
SLIDE SWITCHES (SMD)
CJS-1201TB2 COPAL-CJS-1201TB2 Datasheet
947Kb / 5P
SLIDE SWITCHES (SMD)
More results

Similar Description - CJS-1201TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CJS COPAL-CJS Datasheet
947Kb / 5P
SLIDE SWITCHES (SMD)
CMS COPAL-CMS Datasheet
1Mb / 12P
SLIDE SWITCHES (SMD)
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com