Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD976BN Datasheet(PDF) 1 Page - Analog Devices

Part # AD976BN
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976BN Datasheet(HTML) 1 Page - Analog Devices

  AD976BN Datasheet HTML 1Page - Analog Devices AD976BN Datasheet HTML 2Page - Analog Devices AD976BN Datasheet HTML 3Page - Analog Devices AD976BN Datasheet HTML 4Page - Analog Devices AD976BN Datasheet HTML 5Page - Analog Devices AD976BN Datasheet HTML 6Page - Analog Devices AD976BN Datasheet HTML 7Page - Analog Devices AD976BN Datasheet HTML 8Page - Analog Devices AD976BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD976/AD976A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
16-Bit, 100 kSPS/200 kSPS
BiCMOS A/D Converters
FUNCTIONAL BLOCK DIAGRAM
REF
VANA
4k
R
D15
D0
DGND
BYTE
R/
C
CS
BUSY
VDIG
VIN
AGND2
CAP
AGND1
2.5V
REFERENCE
4R
CONTROL LOGIC &
INTERNAL CALIBRATION CIRCUITRY
CLOCK
PARALLEL
INTERFACE
SWITCHED
CAP ADC
AD976/AD976A
4R
3
R = 6k
AD976
R = 3k
AD976A
FEATURES
Fast 16-Bit ADC
200 kSPS Throughput – AD976A
100 kSPS Throughput – AD976
Single 5 V Supply Operation
Input Range:
10 V
100 mW Max Power Dissipation
Choice of External or Internal 2.5 V Reference
High Speed Parallel Interface
On-Chip Clock
28-Lead Skinny DIP, SSOP or SOIC Packages
GENERAL DESCRIPTION
The AD976/AD976A is a high speed, low power 16-bit A/D
converter that operates from a single 5 V supply. The part con-
tains a successive approximation, switched capacitor ADC, an
internal 2.5 V reference and a high speed parallel interface. The
ADC is factory calibrated to minimize all linearity errors. The
analog full-scale input is the standard industrial range of
±10 V.
The AD976/AD976A is comprehensively tested for ac param-
eters such as SNR and THD, as well as the more traditional
parameters of offset, gain and linearity.
The AD976/AD976A is fabricated on Analog Devices’ propri-
etary BiCMOS process, which has high performance bipolar
devices along with CMOS transistors.
The AD976/AD976A is available in skinny 28-lead DIP, SSOP
and SOIC packages.
PRODUCT HIGHLIGHTS
1. Fast Throughput.
The AD976/AD976A is a high speed (100 kSPS/200 kSPS
throughput rates respectively), 16-bit ADC based on a
switched capacitor architecture.
2. Single-Supply Operation.
The AD976/AD976A operates from a single 5 V supply and
dissipates only 100 mW max.
3. Comprehensive DC and AC Specifications.
The AD976/AD976A is factory calibrated and fully tested for
SNR and THD as well as the traditional specifications of
offset, gain and linearity.
4. Complete A/D Solution.
The AD976/AD976A offers a highly integrated solution
containing an accurate ADC, reference and on-chip clock.


Similar Part No. - AD976BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD976BN AD-AD976BN Datasheet
179Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV.C
AD976BN AD-AD976BN Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BN AD-AD976BN Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BN AD-AD976BN Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BN AD-AD976BN Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results

Similar Description - AD976BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD976 AD-AD976 Datasheet
179Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV.C
AD976ANZ AD-AD976ANZ Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ARZ AD-AD976ARZ Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AANZ AD-AD976AANZ Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
5962-9756401QXA AD-5962-9756401QXA Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BRSZ AD-AD976BRSZ Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976 AD-AD976_15 Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com