Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-3 Datasheet(PDF) 2 Page - Riedon Powertron

Part # VT-3
Description  Vitreous Enamel Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

VT-3 Datasheet(HTML) 2 Page - Riedon Powertron

  VT-3_13 Datasheet HTML 1Page - Riedon Powertron VT-3_13 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
Specification
Value
Tolerances
±1% / ±2% / ±5% / ±10%
Temperature Coefficient
Standard : +200ppm/K / Typical : +100ppm/K
Temperature Range
-55°C to +350°C
Dielectric Strength
1500 VAC
Constuction
Non-Flammable Enamel Coating
All welded terminations
Environmental Performance
(MIL-STD 202)
D
R
Dielectric
±1% + 0.05W
Load Life
±5% + 0.05W
Storage
±1% + 0.05W
Moisture Resistance
±5% + 0.05W
Thermal Shock
±1% + 0.05W
10X Overload ( 5s )
±1% + 0.05W
Shock
±1% + 0.05W
Vibration
±1% + 0.05W
SPECIFICATIONS (continued)
VT Series
Vitreous Enamel Wirewound Resistors
Power Derating Curve
0
20
40
60
80
100
0
25
75
125 175 225 275 325 350
Ambient Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com