Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7841ASZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7841ASZ
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841ASZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7841ASZ Datasheet HTML 5Page - Analog Devices AD7841ASZ Datasheet HTML 6Page - Analog Devices AD7841ASZ Datasheet HTML 7Page - Analog Devices AD7841ASZ Datasheet HTML 8Page - Analog Devices AD7841ASZ Datasheet HTML 9Page - Analog Devices AD7841ASZ Datasheet HTML 10Page - Analog Devices AD7841ASZ Datasheet HTML 11Page - Analog Devices AD7841ASZ Datasheet HTML 12Page - Analog Devices AD7841ASZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AD7841
Rev. B | Page 1
3 of 13
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-112-AA-1
14.15
13.90 SQ
13.65
0.45
0.30
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
12
44
1
22
23
34
33
11
0.25 MIN
2.20
2.00
1.80
7°
0°
VIEW A
ROTATED 90° CCW
0.23
0.11
10.20
10.00 SQ
9.80
0.80 BSC
LEAD PITCH
LEAD WIDTH
0.10
COPLANARITY
VIEW A
SEATING
PLANE
1.95 REF
PIN 1
Figure 14. 44-Lead Metric Quad Flat Package [MQFP]
(S-44-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Linearity Error (LSBs)
DNL (LSBs)
Temperature Range
Package Description
Package
Option
AD7841ASZ
±4
−0.9/+2
−40°C to +85°C
44-Lead Metric Quad Flat Package [MQFP]
S-44-2
AD7841ASZ-REEL
±4
−0.9/+2
−40°C to +85°C
44-Lead Metric Quad Flat Package [MQFP]
S-44-2
AD7841BSZ
±2
±1
−40°C to +85°C
44-Lead Metric Quad Flat Package [MQFP]
S-44-2
AD7841BSZ-REEL
±2
±1
−40°C to +85°C
44-Lead Metric Quad Flat Package [MQFP]
S-44-2
EVAL-AD7841EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
REVISION HISTORY
1/11—Rev. A to Rev. B
Changes to Absolute Maximum Ratings, Lead Temperature......4
Updated Outline Dimensions........................................................13
Moved and Changes to Ordering Guide ......................................13
©1999-2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09645-0-1/11(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com